Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC273 Datasheet (PDF) - NXP Semiconductors

74LVC273 Datasheet PDF - NXP Semiconductors
Part # 74LVC273
Download  74LVC273 Download
File Size   95.73 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74LVC273 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC273 Datasheet PDF - NXP Semiconductors

Part # 74LVC273
Download  74LVC273 Click to download

File Size   95.73 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with reset; positive-edge trigger

74LVC273 Datasheet (HTML) - NXP Semiconductors


74LVC273 Product details

DESCRIPTION

The 74LVC273 is a low-voltage Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

The 74LVC273 has eight edge-triggered , D-type flip-flops with individual D inputs and Q outputs. The common clock (CP) and master reset (MR) inputs load and reset (clear) all flip-flops simultaneously. The state of each D input, one set-up time before the LOW-to-HIGH clock transition, is transferred to the corresponding output (Qn) of the flip-flop.

All outputs will be forced LOW independently of clock or data inputs by a LOW voltage level on the MR input.

The device is useful for applications where the true output only is required and the clock and master reset are common to all storage elements.



FEATURES

• Wide supply voltage range of 1.2V to 3.6V

• Conforms to JEDEC standard 8-1A

• Inputs accept voltages up to 5.5V

• CMOS low power consumption

• Direct interface with TTL levels

• Output drive capability 50Ω transmission lines @ 85°C



 




Similar Part No. - 74LVC273

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
74LVC273AQ20 DIODES-74LVC273AQ20 Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
74LVC273AT20 DIODES-74LVC273AT20 Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
More results


Similar Description - 74LVC273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com