Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4368 Datasheet (PDF) - Analog Devices

ADF4368 Datasheet PDF - Analog Devices
Part # ADF4368
Download  ADF4368 Download
File Size   2426.49 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF4368 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4368 Datasheet PDF - Analog Devices

Part # ADF4368
Download  ADF4368 Click to download

File Size   2426.49 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF4368 Datasheet (HTML) - Analog Devices


ADF4368 Product details

GENERAL DESCRIPTION
The ADF4368 is a high performance, ultra-low jitter, integer-N and
fractional-N phase-locked loop (PLL) with integrated VCO ideally
suited for frequency conversion applications.
The high performance PLL has a figure of merit of −239 dBc/Hz,
very low 1/f noise of normalized −287 dBc/Hz and high PFD
frequency that can achieve ultra-low in-band noise and integrated
jitter. The ADF4368 can generate any frequency from 800 MHz to
12.8 GHz without an internal doubler, which eliminates the need
for sub-harmonic filters. The Σ-Δ modulator includes a 25-bit fixed
modulus that allows hertz frequency resolution and an additional
17-bit variable modulus, which allows even finer resolution and
flexibility for frequency planning. The 9 dBm output power at 12.8
GHz in single-ended configuration with 16 step power adjust feature
makes it very useful for any application.
For multiple frequency conversion applications, such as phase
array radar or massive MIMO systems, the outputs of multiple
ADF4368 can be aligned by using the SYNC input or EZSync™.
The EZSync method is used when it is difficult to distribute the
SYNC signal to all devices precisely. For applications that require
deterministic delay or delay adjustment capability, a programmable
reference to output delay with <1 ps resolution is provided. The
reference to output delay is guaranteed across multiple devices
and temperature, allowing for predictable and precise multichip
alignment.
The simplicity of the ADF4368 block diagram eases development
time with a simplified serial-peripheral interface (SPI) register map,
external SYNC input, and repeatable multichip phase alignment
both in integer mode and fractional mode.

FEATURES
► Output frequency range: 800 MHz to 12.8 GHz
► Jitter < 30 fsRMS fOUT = 9.001 GHz, fREF = fPFD = 250 MHz,
fractional mode
► Wideband phase noise floor: −160 dBc/Hz at 12.8 GHz
► PLL specifications
► Normalized in-band phase noise floor
► −239 dBc/Hz: integer, −237 dBc/Hz: fractional mode
► Normalized 1/f phase noise floor
► −287 dBc/Hz: normalized to 1 Hz
► −147 dBc/Hz: normalized to 1 GHz at 10 kHz
► 625 MHz phase detector frequency integer mode
► 250 MHz phase detector frequency fractional mode
► 25-bit fixed, 49-bit combined fractional modulus
► 4 GHz reference input frequency
► Typical −95 dBc PFD spurs
► Reference to output delay specifications
► Temperature coefficient: 0.06 ps/°C
► Adjustment step size: <1 ps
► Multichip output phase alignment
► Through SYNC pin or by EZSync method
► 3.3 V and 5 V power supplies
► ADIsimPLL™ loop filter design tool support
► Available in 48-lead, 7 mm × 7 mm LGA package
► −40°C to +125°C operating junction temperature

APPLICATIONS
► Wireless infrastructure (MC-GSM, 5G)
► Test and measurement
► Aerospace and defense




Similar Part No. - ADF4368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
ADF4360-0 AD-ADF4360-0 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
Integrated Synthesizer and VCO
REV. B
ADF4360-0 AD-ADF4360-0 Datasheet
366Kb / 24P
Integrated Synthesizer and VCO
3/16-Rev. C to Rev. D
ADF4360-0BCPZ AD-ADF4360-0BCPZ Datasheet
315Kb / 24P
Integrated Synthesizer and VCO
REV. B
More results


Similar Description - ADF4368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com