Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8673 Datasheet (PDF) - Analog Devices

LT8673 Datasheet PDF - Analog Devices
Part # LT8673
Download  LT8673 Download
File Size   243.7 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Rectifier Controller with Voltage Monitoring

LT8673 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8673 Datasheet PDF - Analog Devices

Part # LT8673
Download  LT8673 Click to download

File Size   243.7 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Active Rectifier Controller with Voltage Monitoring

LT8673 Datasheet (HTML) - Analog Devices


LT8673 Product details

GENERAL DESCRIPTION
The LT®8673 is an active rectifier controller for reverse
input protection that includes two independent low IQ
comparators with programmable glitch rejection filters
for cold start pulse detection and two voltage monitoring
protection pins to sense the battery voltage safely using
an external resistive divider and ADC (analog-to-digital
converter). The highly integrated comparators and active
rectifier solution greatly simplify the Bill of Materials
(BOM) and shrinks the printed circuit board (PCB) area.
The controller drives an external N-channel Metal-oxide
semiconductor field-effect transistor (MOSFET) to replace
a power Schottky diode. Its very low quiescent current
and fast transient response meet the tough requirements
in automotive applications where AC input signals of up
to 100kHz are present. These signals are rectified with
minimum power dissipation on the external MOSFET,
simplifying thermal management on the PCB.
With a drop of only 20mV, the LT8673 solution eases the
minimum input voltage requirement during cold crank
and start-stop, allowing simpler and more efficient circuits.
A fast turn-off minimizes reverse current transients
if the input power source fails or is shorted. An available
shutdown mode reduces the quiescent current to 3.8μA.
An integrated auxiliary boost regulator provides the
required boost voltage to turn the external MOSFET fully
on. A FAULT pin signals if the external FET is not ready to
take load current.

FEATURES
 Reverse Input Protection to -40V
 Improved Performance Compared to a Schottky
Diode
 Reduce Power Dissipation by > 90%
 Reduce Drop to 20mV
 Ultrafast Transient Response
Rectifies 6VP-P Up to 50kHz
Rectifies 2VP-P Up to 100kHz
 Wide Operating Voltage Range: 3V to 42V
 Two Integrated Comparators for Cold Crank
Detection
 Programmable Anti-glitch Filters
 Dedicated Enable Pin (ENR)
 Voltage Monitoring Protection Pins
 Low 55μA Quiescent Current in Operation
 Low 3.8μA Shutdown Current
 Accurate 1.2V Enable Pin Threshold
 Small 20-Lead 3mm x 4mm Side-Wettable Quad Flat
No-Lead (QFN) Package
 AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
 Automotive Battery Protection
 Industrial Supplies
 Portable Instrumentation




Similar Part No. - LT8673

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8672 LINER-LT8672 Datasheet
229Kb / 6P
Active Rectifier Controller with Reverse Protection
logo
Analog Devices
LT8672 AD-LT8672 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
More results


Similar Description - LT8673

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LT8672 LINER-LT8672 Datasheet
229Kb / 6P
Active Rectifier Controller with Reverse Protection
logo
NXP Semiconductors
TEA2208T NXP-TEA2208T Datasheet
229Kb / 17P
Active bridge rectifier controller
Rev. 1.1-25 March 2020
TEA2206T NXP-TEA2206T Datasheet
238Kb / 14P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
TEA2209T NXP-TEA2209T Datasheet
288Kb / 19P
Active bridge rectifier controller
Rev. 1.1-14 April 2021
TEA2208T NXP-TEA2208T_V01 Datasheet
273Kb / 18P
Active bridge rectifier controller
Rev. 1.4 ??14 April 2021
logo
Analog Devices
LT4322 AD-LT4322 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com