Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77348A Datasheet (PDF) - Analog Devices

MAX77348A Datasheet PDF - Analog Devices
Part # MAX77348A
Download  MAX77348A Download
File Size   1430.94 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low IQ, Low-Noise 3.5W Buck-Boost Converter

MAX77348A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77348A Datasheet PDF - Analog Devices

Part # MAX77348A
Download  MAX77348A Click to download

File Size   1430.94 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low IQ, Low-Noise 3.5W Buck-Boost Converter

MAX77348A Datasheet (HTML) - Analog Devices


MAX77348A Product details

General Description
The MAX77348 is an ultra-low quiescent current, noninverting
buck-boost converter capable of supporting up
to 3.5W output power. The device employs a unique
control algorithm that seamlessly transitions between
the buck, buck-boost, and boost modes, minimizing
discontinuities and subharmonics in the output voltage
ripple.
The MAX77348 is ideal for a system handling less than
3.5W output power from a single cell Li-Ion battery and
requiring high system efficiency with precise voltage
control. The MAX77348’s low-noise operation makes it
optimum to supply power for RF system power, ear bud
applications, and other portable audio systems.
Built-in undervoltage lockout (UVLO), output active
discharge, and thermal shutdown protection ensures
safe operation under abnormal operating conditions.
The MAX77348 is available with a highly configurable
I2C serial interface. The device is available in 16-bump,
1.77mm x 2.01mm, 0.4mm pitch WLP package.

Benefits and Features
• Input Voltage Range: 2.3V to 5.5V
• Output Voltage Range: 2.5V to 4.8V
• Ultra-Low, 3.5μA (typ) Quiescent Current
• Dynamic Voltage Scaling (DVS)
• Optimized Load Regulation Performance
• Power Good Interrupt
• Output Active Discharge
• Low, Continuous Noise Profile
• Eliminates Discontinuities Over Operating Range
• Eliminates Need for Post-Filtering Low Dropout
(LDO) in Noise Sensitive Applications
• Protection Features
• Undervoltage Lockout (UVLO)
• Thermal Shutdown
• 6.4ms Soft-Start
• I2C Interface with Status Interrupts
• Programmable VOUT
• Peak Current Limit Level (IPSET1/IPSET2)

Applications
• True Wireless Stereo (TWS) Systems
• Narrow Band Internet of Things (NB IoT)
• Portable Audio/Wireless Systems




Similar Part No. - MAX77348A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77342 MAXIM-MAX77342 Datasheet
2Mb / 50P
DC-DC Step-Up Converter
Rev 0; 9/13
More results


Similar Description - MAX77348A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
LTC3113 LINER-LTC3113 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
Ultra Low Iq Buck Converter
logo
Lowpower Semiconductor ...
LP6260 POWER-LP6260 Datasheet
276Kb / 6P
Ultra low IQ Synchronous Boost Convertor
LP6261 POWER-LP6261 Datasheet
549Kb / 7P
Ultra low IQ Synchronous Boost Convertor
logo
Analog Devices
LT3120 AD-LT3120 Datasheet
2Mb / 36P
26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com