Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWR2943 Datasheet (PDF) - Texas Instruments

AWR2943 Datasheet PDF - Texas Instruments
Part # AWR2943
Download  AWR2943 Download
File Size   1908.94 Kbytes
Page   98 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor

AWR2943 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWR2943 Datasheet PDF - Texas Instruments

Part # AWR2943
Download  AWR2943 Click to download

File Size   1908.94 Kbytes
Page   98 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor

AWR2943 Datasheet (HTML) - Texas Instruments


AWR2943 Product details

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 76- to 81-GHz coverage with 5-GHz available
bandwidth
– 4 receive and 3 – 4 transmit channels
(AWR2943 with 3 channels and AWR2944 with
4 channels) for PCB interface to antennas
– Per transmit phase shifter
– Ultra-accurate chirp engine based on fractional-
N PLL
– TX power
• 13.5 dBm
– RX noise figure
• 12 dBm
– Phase noise at 1 MHz
• -96 dBc/Hz (76 to 77 GHz)
• -95 dBc/Hz (76 to 81 GHz)
• Built-in calibration and self-test
– Built in firmware (ROM)
– Self-calibrating system across process and
temperature
• Processing elements
– Arm® Cortex-R5F® core (supports lock step
operation) @300MHz
– TI digital signal processor C66x @360MHz
– TI radar hardware accelerator (HWA2.1) for
operations like FFT, log magnitude, and
memory compression
– Multiple EDMA instances for data movement
• Host interface
– 2x CAN-FD
– 10/100 Mbps RGMII/RMII/MII Ethernet
• Supports a serial flash memory interface (loading
user application from QSPI flash memory)
• Other interfaces available to user application
– Up to 9 ADC channels
– 2 SPIs
– 4 UARTs
– I2C
– GPIOs
– 3 EPWMs
– 4-lane Aurora LVDS interface for raw ADC data
and debug instrumentation
– CSI2 Rx interface to enable playback of the
captured data
• On-Chip RAM
– 3.5 to 4MBytes (AWR2943 with 3.5MB and
AWR2944 with 4MB)
– Memory space split between DSP, MCU, and
shared L3
• Device security (on select part numbers)
– Programmable embedded hardware security
module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), asymmetric keys (up to RSA-4K
or ECC-512) with key revocation capability
– Cryptographic hardware accelerators: PKA with
ECC, AES (up to 256 bit), SHA (up to 512 bit),
TRNG/DRBG
• Functional safety compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Hardware integrity up to ASIL B targeted
• AEC-Q100 qualified
• Advanced features
– Embedded self-monitoring with no external
processor involvement
– Embedded interference detection capability
• Power management
– On-die LDO network for enhanced PSRR
– LVCMOS IO supports dual voltage 3.3 V and
1.8 V
• Clock source
– 40-MHz crystal with internal oscillator
– Supports external oscillator at 40 MHz
– Supports externally driven clock (square or sine
wave) at 40 MHz
• Optimal Power Management Solution
– Recommended LP87745-Q1 Power
Management ICs (PMIC)
• Companion PMIC specially designed to
meet device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Cost-reduced hardware design
– 0.65-mm pitch, 12-mm × 12-mm flip chip BGA
package for easy assembly and low-cost PCB
design
– Small solution size
• Supports automotive temperature operating range
– Operating junction temperature range: –40°C to
140°C

2 Applications
• Lane change assist
• Blind spot detection
• Automatic emergency braking
• Adaptive cruise control
• Cross traffic alert

3 Description
The AWR294x is a single-chip mmWave sensor composed of a FMCW transceiver, capable of operation in the
76- to 81-GHz band, radar data processing elements, and peripherals for in-vehicle networking. The AWR294x
is built with TI’s low-power 45-nm RFCMOS process and enables unprecedented levels of integration in a small
form factor and minimal BOM. The AWR294x is an ideal solution for low-power, self-monitored, ultra-accurate
radar systems in the automotive space.
TI’s low-power 45-nm RFCMOS process enables a monolithic implementation of a 3-4 TX, 4 RX system
with integrated PLL, VCO, mixer, and baseband ADC. Integrated in the DSP subsystem (DSS), is TI's highperformance
C66x DSP for radar signal processing. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user-programmable Arm Cortex-R5F processor allowing for custom control
and automotive interface applications. The hardware accelerator block (HWA 2.0) supplements the DSS and
MSS by offloading common radar processing such as FFT, constant false alarm rate (CFAR), scaling, and
compression. This saves MIPS on the DSS and MSS, opening up resources for custom applications and
higher-level algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only secure part variants).
The HSM consists of a programmable Arm Cortex-M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.
Simple programming model changes can enable a wide variety of sensor implementation (Short, Mid, Long) with
the possibility of dynamic reconfiguration for implementing a multimode sensor.




Similar Part No. - AWR2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR2943 TI1-AWR2943 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
AWR2943ABGALTQ1 TI1-AWR2943ABGALTQ1 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
AWR2943ABGALTRQ1 TI1-AWR2943ABGALTRQ1 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
AWR2943ABSALTRQ1 TI1-AWR2943ABSALTRQ1 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
AWR2943 TI1-AWR2943_V01 Datasheet
2Mb / 94P
AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor
REVISED JULY 2024
More results


Similar Description - AWR2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI1-AWR2243 Datasheet
1Mb / 59P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2944 TI-AWR2944 Datasheet
2Mb / 93P
AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
SWRS273 ??NOVEMBER 2021
IWR1843 TI-IWR1843_V01 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
IWRL1432 TI1-IWRL1432 Datasheet
1Mb / 68P
IWRL1432 Single-Chip 76- to 81-GHz Industrial Radar Sensor
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com