Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8952PWPR Datasheet (PDF) - Texas Instruments

DRV8952PWPR Datasheet PDF - Texas Instruments
Part # DRV8952PWPR
Download  DRV8952PWPR Download
File Size   2563.37 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs

DRV8952PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8952PWPR Datasheet PDF - Texas Instruments

Part # DRV8952PWPR
Download  DRV8952PWPR Click to download

File Size   2563.37 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DRV8952 Four-channel Half-Bridge Driver with Current Sense Outputs

DRV8952PWPR Datasheet (HTML) - Texas Instruments


DRV8952PWPR Product details

1 Features
• Four-channel half-bridge driver
– Independent control of each half-bridge
• 4.5 V to 55 V operating supply voltage range
• Low RDS(ON): 50 mΩ for each FET (24 V, 25 °C)
• High current capacity:
– DDW package: Up to 5-A per output
– PWP package: Up to 4-A per output
• Can drive various types of loads -
– Up to four solenoids or valves
– One stepper motor
– Two brushed-DC motors
– One or two thermoelectric coolers (TEC)
– One 3-phase brushless-DC motor
– One 3-phase permanent magnet synchronous
motor (PMSM)
• Integrated current sense and regulation
– Current sensing across high-side MOSFETs
– IPROPI outputs for each half-bridge (DDW)
– 5 % sense accuracy at maximum current
– Optional external sense resistor
• Pin-to-pin compatible with:
– DRV8955PWP: 48V, 4-ch half-bridge driver
– DRV8962DDW: 65V, 4-ch half-bridge driver
• Separate logic supply voltage (VCC) (DDW)
• Programmable output rise/fall time (DDW)
• Programmable fault recovery method (DDW)
• Supports 1.8-V, 3.3-V, 5.0-V logic inputs
• Low-current sleep mode (3 μA)
• Protection features
– VM undervoltage lockout (UVLO)
– Charge pump undervoltage (CPUV)
– Overcurrent protection (OCP)
– Thermal shutdown (OTSD)
– Fault condition output (nFAULT)

2 Applications
• Factory Automation, Stepper Drives and Robotics
• Medical Imaging, Diagnostics and Equipment
• Stage Lighting
• PLCs
• TEC Drivers
• BLDC Motor Modules
• Brushed-DC and Stepper Motor drivers

3 Description
The DRV8952 is a wide-voltage, high-power, fourchannel
half-bridge driver for a wide variety of
industrial applications. The device supports up to 55-V
supply voltage, and integrated MOSFETs with 50 mΩ
on-resistance allow up to 5-A current on each output
with the DDW package; and up to 4-A current per
output with the PWP package.
The device can be used for driving up to four
solenoids or valves, one stepper motor, two brushed-
DC motors, one BLDC or PMSM motor and up to
two thermoelectric coolers (Peltier elements). The
output stage of the device consists of N-channel
power MOSFETs configured as four independent
half-bridges, charge pump regulator, current sensing
and regulation circuits, current sense outputs and
protection circuitry.
Integrated current sensing across the high-side
MOSFETs allows the device to regulate the current
when the load is connected from output to ground. A
current regulation limit can be set with an adjustable
external voltage reference (VREF). With the DDW
package, the device provides four proportional current
output pins, one for each half-bridge high-side FET.
Optional external sense resistors can be connected
from the PGND pins to the system ground.
A low-power sleep mode is provided to achieve ultralow
quiescent current. Internal protection features are
provided for supply undervoltage lockout (UVLO),
charge pump undervoltage (CPUV), output over
current (OCP), and device overtemperature (OTSD).




Similar Part No. - DRV8952PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955PPWPR TI-DRV8955PPWPR Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955PRGER TI-DRV8955PRGER Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
More results


Similar Description - DRV8952PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8932 TI-DRV8932 Datasheet
2Mb / 40P
DRV8932 Quad Half-Bridge Driver With Integrated Current Sense
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
DRV8935 TI-DRV8935 Datasheet
3Mb / 42P
DRV8935 Quad Half-Bridge Driver With Integrated Current Sense
DRV8962 TI-DRV8962 Datasheet
2Mb / 49P
DRV8962 Four-channel Half-Bridge Driver with Current Sense Outputs
AUGUST 2022
DRV8144-Q1 TI-DRV8144-Q1 Datasheet
2Mb / 66P
DRV8144-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V03 Datasheet
3Mb / 69P
DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com