Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28514T-E/PHA Datasheet (PDF) - Microchip Technology

MIC28514T-E/PHA Datasheet PDF - Microchip Technology
Part # MIC28514T-E/PHA
Download  MIC28514T-E/PHA Download
File Size   1152.4 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start

MIC28514T-E/PHA Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28514T-E/PHA Datasheet PDF - Microchip Technology

Part # MIC28514T-E/PHA
Download  MIC28514T-E/PHA Click to download

File Size   1152.4 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start

MIC28514T-E/PHA Datasheet (HTML) - Microchip Technology


MIC28514T-E/PHA Product details

General Description
The MIC28514 is an adjustable frequency,
synchronous buck regulator that features a unique
adaptive on-time control architecture. The MIC28514
operates over an input supply range of 4.5V to 75V and
provides a regulated output of up to 5A of output
current. The output voltage is adjustable down to 0.6V
with an accuracy of ±1%.
Hyper Speed Control architecture allows for an ultra-fast
transient response, while reducing the output
capacitance, and also makes high-VIN/low-VOUT operation
possible. This adaptive on-time control architecture
combines the advantages of fixed frequency operation
and fast transient response in a single device.
The MIC28514 offers a full suite of features that ensure
the protection of the Integrated Circuit (IC) during Fault
conditions. These features include Undervoltage
Lockout (UVLO) to ensure proper operation under
power sag conditions, soft start to reduce inrush current,
Hiccup mode short-circuit protection and thermal shutdown.

Features
• Hyper Speed Control® Architecture Enables:
- High input to output voltage conversion ratio
capability (VIN = 75V and VOUT = 0.6V)
- Small output capacitance
• 4.5V to 75V Input Voltage
• 5A Output Current Capability with up to 95% Efficiency
• Adjustable Output Voltage from 0.6V to 32V
• ±1% FB Accuracy
• Any Capacitor™ Stable:
- Zero-ESR to High-ESR output capacitors
• 270 kHz to 800 kHz Adjustable Switching Frequency
• Internal Compensation
• Built-In 5V Regulator for Single-Supply Operation
• Auxiliary Bootstrap LDO for Improving System
Efficiency
• Internal Bootstrap Diode
• Adjustable Soft Start Time
• Programmable Current Limit
• Hiccup Mode Short-Circuit Protection
• Thermal Shutdown
• Supports Safe Start-up into a Pre-Biased Output
• -40°C to +125°C Junction Temperature Range
• Available in 32-Pin, 6 mm x 6 mm VQFN Package
• AEC-Q104 Qualified (Automotive Parts with VAO Suffix)

Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Industrial Power Supplies
• Solar Energy




Similar Part No. - MIC28514T-E/PHA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510YJL MICREL-MIC28510YJL Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Similar Description - MIC28514T-E/PHA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com