Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94310 Datasheet (PDF) - Microchip Technology

MIC94310 Datasheet PDF - Microchip Technology
Part # MIC94310
Download  MIC94310 Download
File Size   2549.36 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 200 mA LDO with Ripple Blocker™ Technology

MIC94310 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94310 Datasheet PDF - Microchip Technology

Part # MIC94310
Download  MIC94310 Click to download

File Size   2549.36 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 200 mA LDO with Ripple Blocker™ Technology

MIC94310 Datasheet (HTML) - Microchip Technology


MIC94310 Product details

General Description
The MIC94310 Ripple Blocker™ is a monolithic
integrated circuit that provides low-frequency ripple
attenuation (switching noise rejection) to a regulated
output voltage. This is important for applications where
a DC/DC switching converter is required to lower or
raise a battery voltage, but where switching noise
cannot be tolerated by sensitive downstream circuits
such as in RF applications. The MIC94310 maintains
high power supply ripple rejection (PSRR) with input
voltages operating near the output voltage level to
improve overall system efficiency. A low-voltage logic
enable pin facilitates ON/OFF control at typical GPIO
voltage levels.
The MIC94310 operates from an input voltage of 1.8V
to 3.6V.
Packaged in a 4-pin 1.2 mm × 1.6 mm TDFN, a 5-pin
SOT-23, or a 0.88 mm × 0.88 mm 4-Ball WLCSP, the
MIC94310 has a junction operating temperature range of -40°C to +125°C.

Features
• 1.8V to 3.6V Input Voltage Range
• Active Noise Rejection Over a Wide Frequency
Band: >50 dB from 10 Hz to 10 MHz at 200 mA
Load
• Rated to 200 mA Output Current
• Fixed Output Voltages
• Current-Limit and Thermal-Limit Protected
• 1.2 mm x 1.6 mm 4-Pin TDFN
• 5-Pin SOT-23
• Ultra-Small 0.88 mm x 0.88 mm WLCSP
• Logic-Controlled Enable Pin
• -40°C to +125°C Junction Temperature Range

Applications
• Smartphones/Smart Books
• Tablet PC/Notebooks and Webcams
• Digital Still and Video Cameras
• Global Positioning Systems
• Mobile Computing
• Automotive and Industrial Applications




Similar Part No. - MIC94310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
MIC94310-4YM5 MICREL-MIC94310-4YM5 Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
More results


Similar Description - MIC94310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
200 mA CMOS LDO Regulators
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
200mA Switch with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
200mA Switch with Ripple Blocker??Technology
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
200mA LDO with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
500mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com