Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-1C-V/G4 Datasheet (PDF) - Microchip Technology

UCS2113-1C-V/G4 Datasheet PDF - Microchip Technology
Part # UCS2113-1C-V/G4
Download  UCS2113-1C-V/G4 Download
File Size   1248.42 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description USB Dual-Port Power Switch and Current Monitor

UCS2113-1C-V/G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCS2113-1C-V/G4 Datasheet PDF - Microchip Technology

Part # UCS2113-1C-V/G4
Download  UCS2113-1C-V/G4 Click to download

File Size   1248.42 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description USB Dual-Port Power Switch and Current Monitor

UCS2113-1C-V/G4 Datasheet (HTML) - Microchip Technology


UCS2113-1C-V/G4 Product details

Description
The UCS2113-C is a dual USB port power switch
configuration which can provide 3A continuous current
per VBUS port with precision overcurrent limiting (OCL),
port power switch enables, auto-recovery fault
handling, undervoltage and overvoltage lockout,
back-drive protection and back-voltage protection, and
thermal protection.
The UCS2113-C is well suited for both stand-alone and
applications having SMBus/I2C communications.
For applications with SMBus, the UCS2113-C provides
per-port current monitoring and three programmable
current limits per switch, ranging from 3.5A to 5.2A.
Per-port charge rationing is also provided ranging from
3.8 mAh to 246.3 Ah.
In stand-alone mode, the UCS2113-C provides three
current limits for both switches, ranging from
3.5A + 3.5A to 5.2A + 5.2A (see Table 1-1).
Both power switches include an independent VBUS
discharge function.
The UCS2113-C is available in a 4x4 mm 20-pin QFN package.

Features
• Dual-Port Power Switches:
- 2.9V to 5.5V source voltage range
- 3A continuous current per VBUS port with
40 m On resistance per switch
- Independent port power switch enable pins
- DUAL fault ALERT# active drain output pins
- Trip mode current limiting behavior
- Undervoltage and overvoltage lockout
- Back-drive, back-voltage protection
- Auto-recovery fault handling with low test
current
- BOOST# logic output to increase DC-DC
converter output under large load conditions
• SMBus 2.0/I2C Mode Features:
- Three programmable current limits
assignable to each power switch
- Other SMBus addresses available upon
request
- Block read and block write
• Self-Contained Current Monitoring (No External
Sense Resistor Required)
• Fully Programmable Per-Port Charge Rationing
and Behaviors
• Automatic VBUS Discharge Function
• Wide Operating Temperature Range:
- -40°C to +105°C
• Passes Automotive AEC-Q100 Reliability Testing




Similar Part No. - UCS2113-1C-V/G4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS2113-1-V/G4 MICROCHIP-UCS2113-1-V/G4 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results


Similar Description - UCS2113-1C-V/G4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Texas Instruments
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
USB Dedicated Charging Port Controller and Current Limiting Power Switch
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com