Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A Datasheet (PDF) - Microchip Technology

UPD301A Datasheet PDF - Microchip Technology
Part # UPD301A
Download  UPD301A Download
File Size   801.36 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-alone USB Type-C™ Power Delivery 3.0 Controller

UPD301A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD301A Datasheet PDF - Microchip Technology

Part # UPD301A
Download  UPD301A Click to download

File Size   801.36 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-alone USB Type-C™ Power Delivery 3.0 Controller

UPD301A Datasheet (HTML) - Microchip Technology


UPD301A Product details

Highlights
• Single-chip USB Type-C™ (1) Power Delivery
Solution for Stand-alone Source-only
• Preprogrammed Power Delivery Firmware
• Supports Standard Power Delivery
Power Profiles (15/27/45/60W)
• USB Power Delivery 3.0 Compliant MAC
• USB Type-C™ Connector Support with
Connection Detection and Control
• Integrated Analog Discrete Components Reduce
Bill of Materials and Design Footprint
• Easily Supports 2nd Port via UPD350 Add-on
• Commercial, Industrial, and Automotive
Temperature Support

Target Applications
• Point-of-Sale Terminals
• Charging Lockers
• IoT Products and Sensors
• Smart Speakers and Monitors
• Conference Systems
• Power Tools
• Multi-port Charging Docks
• Automotive Rear Seat Charging Ports

Key Benefits
• Preprogrammed Power Delivery Firmware
- Supports Standard Power Delivery
Power Profiles (15/27/45/60W)
- No Custom Firmware Development Required
• Multiple Stand-alone Configurations via Pin Straps
- Power Delivery Power Profile Selection
• Optional Two Port Solution via External UPD350
- SPI for External UPD350 Communication
- Power Delivery Firmware Controls Both Ports
• Integrated Analog Discrete Components
- VCONN FETs with Rp/Rd Switching
- Programmable Current Sense for
Overcurrent Conditions
- Voltage Sense for Overvoltage Conditions
• USB Power Delivery MAC
- Compliant with USB Power Delivery
Specification Revision 3.0
- Power Delivery Packet Framing
- CRC Checking/Generation
- 4B/5B Encoding/Decoding
- BMC Encoding/Decoding
- EOP/SOP Generation for PD Frames
- SOP Detection and SOP Header Processing
- Separate RX/TX FIFOs
- Automatic GoodCRC Message Generation
- Automatic Retry Generation
- Error Handling
- Low Standby Power Support
• USB Type-C Cable Detect Logic
- Auto Cable Attach & Orientation Detection
- Routes Baseband Communication to
Respective CC Pin per Detected Orientation
- VCONN Supply Control for Active Cable
- Strappable Downstream Facing Port (DFP)
Modes
- Charging Current Capability Detection
• Package
- 40-VQFN (6.0mm x 6.0mm)
• Environmental
- Commercial Temperature Range
(0°C to +70°C)
- Industrial / AEC-Q100 Automotive Grade 3
Temperature Range (-40°C to +85°C)




Similar Part No. - UPD301A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD301A MICROCHIP-UPD301A Datasheet
1Mb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
DS00002838C 09-06-22
UPD301A MICROCHIP-UPD301A_V01 Datasheet
1Mb / 40P
Stand-alone USB Type-C™ Power Delivery 3.0 Controller
DS00002838C 09-06-22
More results


Similar Description - UPD301A

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
Rohm
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com