Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC32245A Datasheet (PDF) - NXP Semiconductors

74LVC32245A Datasheet PDF - NXP Semiconductors
Part # 74LVC32245A
Download  74LVC32245A Download
File Size   87.05 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 32-bit bus transceiver with direction pin; 5 V tolerant; 3-state

74LVC32245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC32245A Datasheet PDF - NXP Semiconductors

Part # 74LVC32245A
Download  74LVC32245A Click to download

File Size   87.05 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 32-bit bus transceiver with direction pin; 5 V tolerant; 3-state

74LVC32245A Datasheet (HTML) - NXP Semiconductors


74LVC32245A Product details

DESCRIPTION

The 74LVC(H)32245A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most

advanced CMOS compatible TTL families. Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V. These features allow the use of these devices in a mixed 3.3 and 5 V environment.



FEATURES

• 5 V tolerant inputs/outputs for interfacing with 5 V logic

• Wide supply voltage range of 1.2 to 3.6 V

• Complies with JEDEC standard no. 8-1A

• CMOS low power consumption

• MULTIBYTEflow-trough standard pin-out architecture

• Low inductance multiple power and ground pins for minimum noise and ground bounce

• Direct interface with TTL levels

• Bus hold on data inputs (74LVCH32245A only)

• Typical output ground bounce voltage:

  VOLP<0.8VatVCC= 3.3 V; Tamb=25°C

• Typical output VOHundershoot voltage:

  VOHV>2VatVCC= 3.3 V; Tamb=25°C

• Power-off disabled outputs, permitting live insertion

• Plastic fine-pitch ball grid array package.



 




Similar Part No. - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
More results


Similar Description - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com