Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T79S308 Datasheet (PDF) - Renesas Technology Corp

8T79S308 Datasheet PDF - Renesas Technology Corp
Part # 8T79S308
Download  8T79S308 Download
File Size   777.04 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8 Universal Differential Fanout Buffer

8T79S308 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T79S308 Datasheet PDF - Renesas Technology Corp

Part # 8T79S308
Download  8T79S308 Click to download

File Size   777.04 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8 Universal Differential Fanout Buffer

8T79S308 Datasheet (HTML) - Renesas Technology Corp


8T79S308 Product details

Description
The 8T79S308 is a fully integrated signal fanout buffer for
high-performance, low additive phase noise applications. The
main function of the device is the distribution and fanout of
high-frequency clocks or low-frequency synchronization signals.
The 8T79S308 is optimized to deliver very low phase noise clocks
and precise, low-skew outputs, low device-to-device skew
characteristics and fast output rise/fall times help the system
design to achieve deterministic clock phase relationship across
devices.
The device distributes the input signals (IN_0, IN_1) to two fanout
banks. A input select logic allows the device to operate as
1:8 buffer, dual 1:4 buffers, and to cross the input signals.
The propagation delay in both outputs banks is designed for equal
delay to support fixed phase relationships between both banks. All
outputs are very flexible in LVPECL/LVDS output style
configuration, output signal termination, and allow both DC and
AC coupling. Outputs can be individually disabled through a serial
interface.
The device is packaged in a lead-free (RoHS 6) 40-VFQFPN
package. The extended temperature range supports wireless
infrastructure, telecommunication, and networking end equipment
requirements. The 8T79S308 is a member of the
high-performance clock family from IDT.

Features
▪ High-performance, flexible clock/data/1PPS fanout buffer
▪ Low phase noise floor: -160dBc/Hz (156.256MHz clock)
▪ Integrated phase noise of < 65fs RMS typical (12kHz–20MHz)
▪ Flexible input selection
• 1:8 Fanout modes
• Dual 1:4 Buffer fanout modes
▪ Eight differential outputs, organized in two banks of four
outputs
▪ Low-power LVPECL/LVDS outputs support DC and AC
coupling and LVPECL, LVDS line terminations techniques
▪ Individually configured outputs through an I2
C interface
• LVPECL/LVDS output style, HCSL compatible (AC-coupled)
• Output amplitude
• Output enable
▪ Supported clock frequency range: 0 to 3GHz
▪ Core and output supply voltage modes:
• 3.3V core, 3.3V, 2.5V, and 1.8V output supply
• 2.5V core, 2.5V, and 1.8V output supply
▪ Selectable I2
C I/O interface voltage: 1.8V and VDD
▪ Integrated low dropout regulators (LDOs) for excellent power
supply noise rejection
▪ Package: 6 × 6 mm 40-VFQFPN
▪ Temperature range: -40°C to +105°C




Similar Part No. - 8T79S308

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T79S838-08NLGI IDT-8T79S838-08NLGI Datasheet
418Kb / 25P
1-to-8 Differential to Universal Output Fanout Buffer
8T79S838-08NLGI8 IDT-8T79S838-08NLGI8 Datasheet
418Kb / 25P
1-to-8 Differential to Universal Output Fanout Buffer
More results


Similar Description - 8T79S308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Cypress Semiconductor
CY2PP3115 CYPRESS-CY2PP3115 Datasheet
247Kb / 12P
1:15 Differential Fanout Buffer
logo
ON Semiconductor
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
IDT8T79S838-08I IDT-IDT8T79S838-08I Datasheet
418Kb / 25P
1-to-8 Differential to Universal Output Fanout Buffer
logo
Renesas Technology Corp
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
IDT8T79S838-08I RENESAS-IDT8T79S838-08I Datasheet
1Mb / 26P
1-to-8 Differential to Universal Output Fanout Buffer
JANUARY 29, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com