Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V54816A Datasheet (PDF) - Renesas Technology Corp

8V54816A Datasheet PDF - Renesas Technology Corp
Part # 8V54816A
Download  8V54816A Download
File Size   1860.19 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Port, Bi-directional M-LVDS Clock Cross-Point Switch

8V54816A Datasheet (PDF)

Go To PDF Page Download Datasheet
8V54816A Datasheet PDF - Renesas Technology Corp

Part # 8V54816A
Download  8V54816A Click to download

File Size   1860.19 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Port, Bi-directional M-LVDS Clock Cross-Point Switch

8V54816A Datasheet (HTML) - Renesas Technology Corp


8V54816A Product details

Description
The 8V54816A is a 16-port, bi-directional cross-point clock switch
designed for clock distribution in MicroTCA.4 systems. It features
16 bi-directional M-LVDS ports. Each port can be individually set
as input or output. Each output port can be connected to any port
defined as input. Each port features switchable termination (ON:
100, OFF: High impedance). Output ports can drive up to
19-inch PCB tracks with M-LVDS levels. The device is optimized
for very low additive phase noise. Configuration of the device is
achieved by I2
C. At startup, a default configuration is set where all
ports are in High-Impedance mode with outputs disabled.

Features
▪ Sixteen bi-directional M-LVDS ports
▪ Operating frequency: up to 350MHz (maximum)
▪ Switchable termination resistors
▪ I
2
C support with read-back capabilities up to 400kHz
▪ PCI Express (2.5Gb/S), Gen 2 (5Gb/s) and Gen 3 (8Gb/s) jitter
compliant
▪ Architecturally compliant with MicroTCA.4 specification
▪ Output polarity inversion
▪ Support for 1PPS signals
▪ Full 3.3V supply voltage
▪ 12 × 12 mm, 100-lead VFQFN
▪ Epad size: 6.9 × 6.9 mm
▪ 0 to +70°C ambient operating temperature
▪ Lead-free (RoHS 6) packaging




Similar Part No. - 8V54816A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V54816A IDT-8V54816A Datasheet
735Kb / 27P
16-Por t , Bi-direct ional M-LVDS Clock Cross-Point Switch
8V54816ANLG IDT-8V54816ANLG Datasheet
735Kb / 27P
16-Por t , Bi-direct ional M-LVDS Clock Cross-Point Switch
8V54816ANLG8 IDT-8V54816ANLG8 Datasheet
735Kb / 27P
16-Por t , Bi-direct ional M-LVDS Clock Cross-Point Switch
More results


Similar Description - 8V54816A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7370 NJRC-NJU7370 Datasheet
297Kb / 10P
8 X 32 ANALOG CROSS POINT SWITCH
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04 Datasheet
343Kb / 18P
4x4 Low Power 2.5 Gb/s LVDS Digital Cross-Point
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
Speech Network IC Incorporating Cross-Point Switch
logo
Dynex Semiconductor
DIM400PBM17-A000 DYNEX-DIM400PBM17-A000 Datasheet
351Kb / 8P
IGBT Bi-Directional Switch Module
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
logo
Dynex Semiconductor
DIM400PBM17-A000 DYNEX-DIM400PBM17-A000_15 Datasheet
351Kb / 8P
IGBT Bi-Directional Switch Module
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Integrated Device Techn...
8V54816A IDT-8V54816A Datasheet
735Kb / 27P
16-Por t , Bi-direct ional M-LVDS Clock Cross-Point Switch
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
ZERO-CROSS POINT SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com