Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V89307 Datasheet (PDF) - Renesas Technology Corp

8V89307 Datasheet PDF - Renesas Technology Corp
Part # 8V89307
Download  8V89307 Download
File Size   1603.71 Kbytes
Page   125 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET PLL

8V89307 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V89307 Datasheet PDF - Renesas Technology Corp

Part # 8V89307
Download  8V89307 Click to download

File Size   1603.71 Kbytes
Page   125 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SYNCHRONOUS ETHERNET PLL

8V89307 Datasheet (HTML) - Renesas Technology Corp


8V89307 Product details

FEATURES
HIGHLIGHTS
• Features 15 mHz to 560 Hz bandwidth
• Provides node clock for ITU-T G.8261/G.8262 Synchronous Ethernet (SyncE)
• Supports GR-253-CORE (OC-192) and ITU-T G.813 (STM-64) jitter generation requirements
• Provides clocks for 1 Gigabit and 10 Gigabit Ethernet applications
MAIN FEATURES
• Provides an integrated single-chip solution for Synchronous Equipment Timing Source, including Stratum 3, 4E, 4, SMC, EEC-Option
1 and EEC-Option 2 Clocks
• Supports 1PPS input and output
• Employs PLL architecture to feature excellent jitter performance
and minimize the number of external components
• Supports programmable DPLL bandwidth (15 mHz to 560 Hz) and
damping factor (1.2 to 20 in 5 steps)
• Supports 1.1X10-5 ppm absolute holdover accuracy and 4.4X10-8
ppm instantaneous holdover accuracy
• Provides 2 differential output clocks whose frequencies cover from
1Hz (1PPS) to 644.53125 MHz
• Includes 25 MHz, 125 MHz and 156.25 MHz for CMOS outputs
• Includes 25.78125 MHz, 128.90625 MHz and 161.1328125 MHz
for CMOS outputs
• Includes 25 MHz, 125 MHz, 156.25 MHz, 312.5 MHz and 625
MHz for differential outputs
• Includes 25.78125 MHz, 128.90625 MHz, 161.1328125 MHz,
322.265625 MHz and 644.53125 MHz for differential output
• Provides 1 single ended output clock whose frequencies cover
from 1 Hz (1PPS) to 156.25 MHz
• Provides 2 differential input clocks whose frequency cover from 1
Hz (1PPS) to 625 MHz
• Includes 25 MHz, 125 MHz and 156.25 MHz for CMOS inputs
• Includes 25 MHz, 125 MHz, 156.25 MHz, 312.5 MHz and 625
MHz for differential inputs
• Provides 1 single ended input clock whose frequencies cover from
1 Hz (1PPS) to 156.25 MHz
• Supports Forced or Automatic operating mode switch controlled by
an internal state machine
• Automatic state machine supports Free- Run, Locked and Holdover
• Supports manual and automatic selected input clock switch
• Supports automatic hitless selected input clock switch on clock failure
• Supports Telcordia GR-1244-CORE, Telcordia GR-253-CORE,
ITU-T G.812, ITU-T G.8262, ITU-T G.813 and ITU-T G.783 recommendations
OTHER FEATURES
• Microprocessor interface modes: I2C and Serial
• IEEE 1149.1 JTAG Boundary Scan
• Single 3.3 V operation with 5 V tolerant CMOS I/Os
• 72-pin QFN package, green package options available

DESCRIPTION
The 8V89307 is an integrated solution for the Synchronous Equipment Timing Source supporting EEC-Option1, EEC-Option2 clocks in
Synchronous Ethernet equipment.
The device has a high quality DPLL to provide system clocks for
node timing synchronization within a Synchronous Ethernet network. It
also integrates an APLL for better jitter performance.
An input clock is automatically or manually selected. It supports three
primary operating modes: Free-Run, Locked and Holdover. In Free-Run
mode, the DPLL refers to the master clock. In Locked mode, the DPLL
locks to the selected input clock. In Holdover mode, the DPLL resorts to
the frequency data acquired in Locked mode. Whatever the operating
mode is, the DPLL gives a stable performance without being affected by
operating conditions or silicon process variations.
The device provides programmable DPLL bandwidths: 15 mHz to
560 Hz and damping factors: 1.2 to 20 in 5 steps. Different settings
cover all clock synchronization requirements.
A stable oscillator is required for the master clock in different applications. The master clock is used as a reference clock for all the internal
circuits in the device. It can be calibrated within ±741 ppm.
All the read/write registers are accessed through a microprocessor
interface. The device supports Serial and I2C interfaces.




Similar Part No. - 8V89307

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V89308ANLGI IDT-8V89308ANLGI Datasheet
462Kb / 23P
Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
8V89308ANLGI RENESAS-8V89308ANLGI Datasheet
815Kb / 24P
Jitter Attenuator & FemtoClock® Multiplier
2019
logo
Integrated Device Techn...
8V89308ANLGI8 IDT-8V89308ANLGI8 Datasheet
462Kb / 23P
Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
8V89308ANLGI8 RENESAS-8V89308ANLGI8 Datasheet
815Kb / 24P
Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Similar Description - 8V89307

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3352 IDT-IDT82V3352 Datasheet
1Mb / 125P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3358 RENESAS-IDT82V3358 Datasheet
1Mb / 140P
SYNCHRONOUS ETHERNET WAN PLL
May 19, 2009
IDT82V3380 RENESAS-IDT82V3380 Datasheet
1Mb / 185P
SYNCHRONOUS ETHERNET WAN PLL
September 29, 2014
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com