Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97053 Datasheet (PDF) - Renesas Technology Corp

8V97053 Datasheet PDF - Renesas Technology Corp
Part # 8V97053
Download  8V97053 Download
File Size   2265.47 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Wideband Fractional RF Synthesizer / PLL

8V97053 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V97053 Datasheet PDF - Renesas Technology Corp

Part # 8V97053
Download  8V97053 Click to download

File Size   2265.47 Kbytes
Page   57 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Wideband Fractional RF Synthesizer / PLL

8V97053 Datasheet (HTML) - Renesas Technology Corp


8V97053 Product details

Description
The 8V97053 is a high-performance Wideband RF Synthesizer /
PLL optimized for use as the local oscillator (LO) in Multi-Carrier,
Multi-mode FDD, and TDD Base Station radio card. It is offered in
a compact 5  5, 32-VFQFPN.
The 8V97053 Wideband RF Synthesizer / PLL offers a default
Fractional Mode with the option to use it with an Integer mode. It
requires an external loop filter.
The 8V97053 with integrated Voltage Controlled Oscillator (VCO)
supports output frequencies from 34.375MHz to 4400MHz, and
maintains superior phase noise and spurious performance.
RF_OUT[A:B] output drivers have independently programmable
output power ranging from –4dBm to +7dBm. The RF_OUT
outputs can be muted. The mute function is accessible via a SPI
command or mute pin.
The operation of the 8V97053 is controlled by writing to registers
through a 3-wire SPI interface. The 8V97053 has an additional
option that allows users to read back values from registers by
configuring the MUX_OUT pin as a SDO for the SPI interface. The
SPI interface is compatible with 1.8V logic and is tolerant to 3.3V.
In multi-service base stations, very low noise oscillators are
required to generate a large variety of frequencies to the mixers
while maintaining excellent phase noise performance and low
power. The 8V97053 offers a large tuning range capable of
providing multi-band local oscillator (LO) frequency synthesis in
multi-mode base stations, thus limiting the use of multiple narrow
band RF Synthesizers and reducing the BOM complexity and
cost. The device can operate over -40°C to +85°C industrial
temperature range.

Features
▪ Dual Differential Outputs
▪ Output frequency range: 34.375MHz to 4400MHz (continuous
range)
▪ RF Output Divide by 1, 2, 4, 8, 16, 32, 64
▪ Open Drain Outputs (see Output Clock Distribution)
▪ Fractional-N synthesizer (also supports Integer-N mode)
▪ 16-bit integer and 12-bit fractional
(16-bit fractional when using the register 7)
▪ 3- or 4-wire SPI interface (compatible with 3.3V and 1.8V)
▪ Single 3.3V supply
▪ Logic compatibility: 1.8V
▪ Programmable output power level: -4dBm to +5dBm
(up to +7 when using register 6)
▪ Mute function
▪ Ultra low PN for 1.65GHz LO: -142.08dBc/Hz at 1MHz Offset,
(typical)
▪ Lock Detect Indicators
▪ Input reference frequency: 5MHz to 310MHz
▪ Automatic VCO band selection (Autocal feature)
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature ≤ 105°C operations
▪ Lead-free (RoHS 6), 32-VFQFPN, 5  5 mm package




Similar Part No. - 8V97053

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
962Kb / 66P
Low Power Wideband Fract ional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
Low Power Wideband Fractional RF Synthesizer / PLL?
8V97053L RENESAS-8V97053L Datasheet
1Mb / 66P
Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
More results


Similar Description - 8V97053

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_18 Datasheet
845Kb / 55P
Low Power Wideband Fract ional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
Low Power Wideband Fractional RF Synthesizer / PLL?
8V97051 RENESAS-8V97051 Datasheet
1Mb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
February 3, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com