Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB206 Datasheet (PDF) - Renesas Technology Corp

9DB206 Datasheet PDF - Renesas Technology Corp
Part # 9DB206
Download  9DB206 Download
File Size   367.13 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express Jitter Attenuator

9DB206 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DB206 Datasheet PDF - Renesas Technology Corp

Part # 9DB206
Download  9DB206 Click to download

File Size   367.13 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express Jitter Attenuator

9DB206 Datasheet (HTML) - Renesas Technology Corp


9DB206 Product details

GENERAL DESCRIPTION
The 9DB206 is a high perfromance 1-to-6 Differential-to-HCSL
Jitter Attenuator designed for use in PCI Express™ systems. In
some PCI Express systems, such as those found in desktop PCs,
the PCI Express clocks are generated from a low bandwidth,
high phase noise PLL frequency synthesizer. In these systems, a
jitter-attenuating device may be necessary in order to reduce high
frequency random and deterministic jitter components from the PLL
synthesizer and from the system board. The 9DB206 has two PLL
bandwidth modes. In low bandwidth mode, the PLL loop bandwidth
is 500kHz. This setting offers the best jitter attenuation and is still
high enough to pass a triangular input spread spectrum profi le. In
high bandwidth mode, the PLL bandwidth is at 1MHz and allows
the PLL to pass more spread spectrum modulation.
For serdes which have x10 reference multipliers instead of x12.5
multipliers, 5 of the 6 PCI Express outputs (PCIEX1:5) can be set
for 125MHz instead of 100MHz by confi guring the appropriate
frequency select pins (FS0:1). Output PCIEX0 will always run at
the reference clock freq

Features
• Six 0.7V current mode differential HCSL output pairs
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 140MHz
• Input frequency range: 90MHz - 140MHz
• VCO range: 450MHz - 700MHz
• Output skew: 110ps (maximum)
• Cycle-to-Cycle jitter: 110ps (maximum)
• RMS phase jitter @ 100MHz, (1.5MHz - 22MHz):
2.42ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package
• Industrial temperature information available upon request




Similar Part No. - 9DB206

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DB202 RENESAS-9DB202 Datasheet
367Kb / 14P
PCI Express Jitter Attenuator 9DB202
March 11, 2016
9DB202-01 RENESAS-9DB202-01 Datasheet
412Kb / 18P
PCI Express Jitter Attenuator 9DB202-01
March 11, 2016
More results


Similar Description - 9DB206

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
PCI EXPRESS Jitter Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com