Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP490 Datasheet (PDF) - Analog Devices

OP490 Datasheet PDF - Analog Devices
Part # OP490
Download  OP490 Download
File Size   1822.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Micropower Quad Operational Amplifier

OP490 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP490 Datasheet PDF - Analog Devices

Part # OP490
Download  OP490 Click to download

File Size   1822.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage Micropower Quad Operational Amplifier

OP490 Datasheet (HTML) - Analog Devices


OP490 Product details

GENERAL DESCRIPTION

The OP490 is a high-performance micropower quad op amp that operates from a single supply of 1.6 V to 36 V or from dual supplies of ±0.8 V to ±18 V. Input voltage range includes the negative rail allowing the OP490 to accommodate input signals down to ground in single-supply operation. The OP490’s output swing also includes ground when operating from a single supply, enabling “zero-in, zero-out” operation.



FEATURES

Single/Dual-Supply Operation

   1.6 V to 36 V

   ±0.8 V to ±18 V

True Single-Supply Operation; Input and Output Voltage Ranges Include Ground

Low Supply Current: 80 A Max

High Output Drive: 5 mA Min

Low Offset Voltage: 0.5 mA Max

High Open-Loop Gain: 700 V/mV Min

Outstanding PSRR: 5.6 mV/V Min

Industry Standard Quad Pinouts

Available in Die Form




Similar Part No. - OP490

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
Low Voltage Micropower Quad Operational Amplifier
logo
Analog Devices
OP490 AD-OP490 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GP AD-OP490GP Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP490GS AD-OP490GS Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
More results


Similar Description - OP490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Maxwell Technologies
OP490 MAXWELL-OP490 Datasheet
249Kb / 9P
Low Voltage Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP490GPZ AD-OP490GPZ Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP490 AD-OP490_15 Datasheet
226Kb / 16P
Low Voltage, Micropower, Quad Operational Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com