Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC823A Datasheet (PDF) - NXP Semiconductors

74LVC823A Datasheet PDF - NXP Semiconductors
Part # 74LVC823A
Download  74LVC823A Download
File Size   106.2 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State

74LVC823A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC823A Datasheet PDF - NXP Semiconductors

Part # 74LVC823A
Download  74LVC823A Click to download

File Size   106.2 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State

74LVC823A Datasheet (HTML) - NXP Semiconductors


74LVC823A Product details

DESCRIPTION
The 74LVC823A is a high performance, low-power, low-voltage Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.
   
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• Inputs accept voltages up to 5.5V
• CMOS low power consumption
• Direct interface with TTL levels
• 9-bit positive edge-triggered register
• Independent register and 3-State buffer operation
• Flow-through pin-out architecture
   




Similar Part No. - 74LVC823A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823ABQ NEXPERIA-74LVC823ABQ Datasheet
288Kb / 18P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823ABQ-Q100 NEXPERIA-74LVC823ABQ-Q100 Datasheet
239Kb / 16P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823AD NEXPERIA-74LVC823AD Datasheet
288Kb / 18P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
More results


Similar Description - 74LVC823A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC574A PHILIPS-74LVC574A Datasheet
99Kb / 10P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com