Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16344 Datasheet (PDF) - NXP Semiconductors

74ALVT16344 Datasheet PDF - NXP Semiconductors
Part # 74ALVT16344
Download  74ALVT16344 Download
File Size   93.33 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2.5V/3.3V 1-to-4 address driver (3-State)

74ALVT16344 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16344 Datasheet PDF - NXP Semiconductors

Part # 74ALVT16344
Download  74ALVT16344 Click to download

File Size   93.33 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2.5V/3.3V 1-to-4 address driver (3-State)

74ALVT16344 Datasheet (HTML) - NXP Semiconductors


74ALVT16344 Product details

DESCRIPTION
The 74ALVT16344 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O
compatibility to 5V.
The 74ALVT16344 is a 1-to-4 address driver used in applications
where four separate memory locations must be addressed by a
single address.

FEATURES
• Multiple VCC and GND pins minimize switching noise
• 5V I/O Compatible
• Live insertion/extraction permitted
• 3-State output buffers
• Power-up 3-State
• Output capability: +64mA/-32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model




Similar Part No. - 74ALVT16344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344DGG PHILIPS-74ALVT16344DGG Datasheet
88Kb / 12P
2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344DL PHILIPS-74ALVT16344DL Datasheet
88Kb / 12P
2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
More results


Similar Description - 74ALVT16344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT162731 PHILIPS-74ALVT162731 Datasheet
94Kb / 12P
2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
1999 Mar 23
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
logo
Texas Instruments
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com