Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL2416SHN Datasheet (PDF) - NXP Semiconductors

ASL2416SHN Datasheet PDF - NXP Semiconductors
Part # ASL2416SHN
Download  ASL2416SHN Download
File Size   1264.47 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced two channel LED buck driver

ASL2416SHN Datasheet (PDF)

Go To PDF Page Download Datasheet
ASL2416SHN Datasheet PDF - NXP Semiconductors

Part # ASL2416SHN
Download  ASL2416SHN Click to download

File Size   1264.47 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Enhanced two channel LED buck driver

ASL2416SHN Datasheet (HTML) - NXP Semiconductors


ASL2416SHN Product details

General description
The ASL2416SHN has a hysteretic buck DC-to-DC topology. With input voltages from
10 V to 80 V, it allows maximum flexibility on output voltages for each channel, enabling
applications with up to 20 LEDs. It also provides an output current of up to and above
1.5 A per channel.1 Furthermore, two output channels can be connected together to
provide an even higher current. It drives an external high-side N channel MOSFET from
an internally regulated adjustable supply. The ASL2416SHN buck driver gives a flexible
system design which can be used to drive two LED strings with the same architecture.
The ASL2416SHN provides an SPI interface for extensive control and diagnostic
communication with an external microcontroller.
The ASL2416SHN offers an adjustable hysteresis for optimizing external components as
well as minimizing LED current ripple.
In addition, the ASL2416SHN provides an output voltage of up to 70 V. It has a
measurement capability that can be used to identify LED open or short circuit conditions.
The microcontroller can read this voltage and use it to detect open or short circuit
conditions. There are also additional diagnostic features such as current reached status.
Additional features include input under-voltage lockout and thermal shutdown when the
junction temperature of the ASL2416SHN exceeds +175 C.
It is housed in a very small HVQFN32 pin package with an exposed thermal pad and is
designed to meet the stringent requirements of automotive applications. It is fully AEC
Q100 grade 1 qualified. It operates over the ambient automotive temperature range of
40 C to +125 C.

Features and benefits
 The ASL2416SHN is an automotive grade product that is AEC-Q100 grade 1 qualified.
 Operating ambient temperature range of 40 C to +125 C
 Wide operating input voltage range from +10 V to +80 V
 Able to drive up to 20 LEDs, wide operating LED voltage range regulated from 2.5 V to
70 V
 Output current of up to and above 1.5 A with high LED current accuracy of 5 % over
the complete operating temperature range
 Output current programmable via SPI interface
 Read back programmed current via SPI
 Two output current ranges, programmable via SPI interface with 5 % accuracy
 Hysteretic converter
 Fast gate drive for high efficiency
 Programmable internal gate driver voltage regulator
 Support logic level and standard level FETs
 Integrated bootstrap diode
 PWM inputs for individual dimming of each channel
 Low Electro Magnetic Emission (EME) and high Electro Magnetic Immunity (EMI)
 Input voltage monitoring and input under voltage protection
 Output voltage monitoring
 Control signal to enable the device
 Junction temperature monitoring via SPI
 Small package outline HVQFN32
 Low quiescent current < 5A at 25 C when EN = 0
 Short-circuit and open-circuit output protection

Applications
 Automotive LED lighting
Daytime running lights
 Position or park light
 Low beam
 High beam
 Turn indicator
 Fog light
 Cornering light
 Advanced front lighting




Similar Part No. - ASL2416SHN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ASL2417SHN NXP-ASL2417SHN Datasheet
1Mb / 43P
Enhanced two channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
More results


Similar Description - ASL2416SHN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595_15 Datasheet
390Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A_15 Datasheet
388Kb / 16P
16 Channel Buck Mode LED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
Three-Channel-Two-Channel Boost LED Driver
logo
Texas Instruments
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
Two-Channel, Individual Dimmable LED Driver
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver
logo
NXP Semiconductors
ASL2417SHN NXP-ASL2417SHN Datasheet
1Mb / 43P
Enhanced two channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
ASL3417SHN NXP-ASL3417SHN Datasheet
1Mb / 43P
Enhanced three channel LED buck driver with limp-home
Rev. 4 - 16 September 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com