Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS56837RPAR Datasheet (PDF) - Texas Instruments

XTPS56837RPAR Datasheet PDF - Texas Instruments
Part # XTPS56837RPAR
Download  XTPS56837RPAR Download
File Size   2635.57 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter

XTPS56837RPAR Datasheet (PDF)

Go To PDF Page Download Datasheet
XTPS56837RPAR Datasheet PDF - Texas Instruments

Part # XTPS56837RPAR
Download  XTPS56837RPAR Click to download

File Size   2635.57 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter

XTPS56837RPAR Datasheet (HTML) - Texas Instruments


XTPS56837RPAR Product details

1 Features
• 4.5-V to 28-V input voltage range
• 0.6-V to 13-V output voltage range
• Supports 8-A continuous output current
• Integrated 20.4-mΩ and 9.5-mΩ MOSFETs
• 0.6-V ±1% reference voltage at 25°C
• 45-uA low quiescent current
• D-CAP3™ control mode for fast transient response
• Eco-mode (auto-skip mode) for high light-load
efficiency
• 550-kHz, 880-kHz, and 1300-kHz selectable
switching frequencies by mode selection
• Adjustable cycle-by-cycle over current limit for lowside
MOSFETs by mode selection
• Adjustable soft-start time with default 1.8 ms
• Built-in output discharge function
• Power-good indicator to monitor output voltage
• Supports up to 98% duty operation
• Non-latched protections for UV, OV, OT, and UVLO
• –40°C to +150°C operating junction temperature
• Small 10-pin 3.0-mm × 3.0-mm HotRod™ QFN
Package
• Pin-to-pin compatible with 6-A TPS56637

2 Applications
• Industrial PC, EPOS, factory automation and
control
• Multifunction printers, video conference system
• Monitors, TV, speakers, PC and notebooks,
portable electronics
• General purposes for 12-V,19-V, 24-V power-bus
supply

3 Description
The TPS56837 is a high-efficiency, easy-to-use,
synchronous buck converter with a wide input voltage
range of 4.5 V to 28 V, and supports up to 8-A
continuous output current at output voltages between
0.6 V and 13 V.
The TPS56837 uses D-CAP3 control mode to
provide fast transient response, good line and load
regulation, no requirement for external compensation,
and supports low equivalent series resistance (ESR)
output capacitors like MLCC.
The TPS56837 operates at Eco-mode to attain
high efficiency at light load with three selectable
switching frequencies: 550 kHz, 880 kHz, and 1300
kHz and selectable current limit through MODE pin
configuration. The TPS56837 has adjustable soft-start
time with default 1.8 ms by SS pin.
The TPS56837 provides complete non-latched OV
(overvoltage), UV (undervoltage), OC (overcurrent),
OT (overtemperature) and UVLO (undervoltage
lockout) protections combined with power-good
indicator and output discharge function features.
The TPS56837 is available in a 10-pin 3.0-mm ×
3.0-mm HotRod QFN package, and the junction
temperature is specified from –40°C to 150°C.




Similar Part No. - XTPS56837RPAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPS560430X3FDBVR TI1-XTPS560430X3FDBVR Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
XTPS560430XFDBVR TI1-XTPS560430XFDBVR Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
XTPS560430XFDBVR TI1-XTPS560430XFDBVR Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
XTPS562207DRLR TI1-XTPS562207DRLR Datasheet
796Kb / 21P
TPS562207 4.3-V to 17-V Input, 2-A Synchronous Buck Converter in SOT563
XTPS562207DRLR TI1-XTPS562207DRLR Datasheet
828Kb / 23P
TPS562207 4.3-V to 17-V Input, 2-A Synchronous Buck Converter in SOT563
More results


Similar Description - XTPS56837RPAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Rohm
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
logo
Texas Instruments
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com