Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-2R2M Datasheet (PDF) - Texas Instruments

DFE252012PD-2R2M Datasheet PDF - Texas Instruments
Part # DFE252012PD-2R2M
Download  DFE252012PD-2R2M Download
File Size   2456.06 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter

DFE252012PD-2R2M Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE252012PD-2R2M Datasheet PDF - Texas Instruments

Part # DFE252012PD-2R2M
Download  DFE252012PD-2R2M Click to download

File Size   2456.06 Kbytes
Page   54 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter

DFE252012PD-2R2M Datasheet (HTML) - Texas Instruments


DFE252012PD-2R2M Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– –40°C to 150°C operating junction temp range
– Level 2 device HBM ESD classification
– Level C4B CDM ESD classification
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-efficiency DCS-Control topology
– Internal compensation
– Seamless PWM/PFM transition
• 4-μA typical low quiescent current
• Output current up to 1 A
• 250-mΩ high side, 85-mΩ low side RDSON
• ±1% output voltage accuracy
• Configurable output voltage options:
– 0.6-V to 5.5-V VFB external divider:
– VSET internal divider:
• 18 options between 0.4 V and 5.5 V
• Flexibility through the MODE/S-CONF pin
– 2.5-MHz or 1.0-MHz switching frequency
– Forced PWM or auto (PFM) power save mode
with dynamic mode change option
– Output discharge on, off
• No external bootstrap capacitor required
• Overcurrent and overtemperature protection
• 100% duty cycle mode
• Precise enable input
• Power-good output
• Pin-to-pin compatible with the TPS629210-Q1,
TPS629206-Q1, and TPS629203-Q1 devices
• 0.5-mm pitch, 8-pin SOT-5X3 package

2 Applications
• Advanced driver assistance systems (ADAS)
• Automotive infotainment and cluster
• Vehicle body electronics and lighting
• Hybrid, electric and powertrain systems

3 Description
The automotive-qualified TPS629211-Q1 device is a
highly efficient, small, and highly flexible synchronous
step-down DC-DC converter that is easy to use. A
wide 3-V to 10-V input voltage range supports a wide
variety of systems powered from either 9-V, 5-V, or
3.3-V supply rails, or single-cell or multi-cell Li-Ion
batteries. The TPS629211-Q1 can be configured to
run at either 2.5 MHz or 1 MHz in a forced PWM
mode or a variable frequency (auto PFM) mode. In
auto PFM mode, the device automatically transitions
to power save mode at light loads to maintain high
efficiency. The low 4-μA typical quiescent current also
provides high efficiency down to the smallest loads.
TI's automatic efficiency enhancement (AEE) mode
holds a high conversion efficiency through the whole
operation range without the need of using different
inductors by automatically adjusting the switching
frequency based on input and output voltages. In
addition to selecting the switching frequency behavior,
the MODE/S-CONF input pin can also be used to
select between different combinations of external and
internal feedback dividers and enabling and disabling
the output voltage discharge capability. In the internal
feedback configuration, a resistor between the FB/
VSET pin and GND can be used to select between
18 different output voltage options (see Table 8-2).




Similar Part No. - DFE252012PD-2R2M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE252012PD-2R2M TOKO-DFE252012PD-2R2M Datasheet
222Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012PD-2R2M MURATA-DFE252012PD-2R2M Datasheet
1Mb / 2P
Inductor
More results


Similar Description - DFE252012PD-2R2M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS629210-Q1 TI-TPS629210-Q1 Datasheet
1Mb / 32P
TPS629210-Q1 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
TPS629211-Q1 TI-TPS629211-Q1 Datasheet
2Mb / 49P
TPS629211-Q1 1-A, 3-V to 10-V Automotive Low IQ Buck Converter
MARCH 2022
TPS629203-Q1 TI-TPS629203-Q1 Datasheet
3Mb / 51P
TPS629203-Q1 300-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
TPS629206-Q1 TI-TPS629206-Q1 Datasheet
3Mb / 51P
TPS629206-Q1 600-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
TPS62903-Q1 TI-TPS62903-Q1 Datasheet
1Mb / 37P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165째C TJ
MAY 2022
TPS62992-Q1 TI-TPS62992-Q1 Datasheet
2Mb / 53P
TPS62992-Q1 3-V to 10-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62993-Q1 TI-TPS62993-Q1 Datasheet
2Mb / 53P
TPS62993-Q1 3-V to 10-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
OCTOBER 2022
TPS62903-Q1 TI-TPS62903-Q1_V01 Datasheet
1Mb / 52P
TPS62903-Q1 3-V to 18-V, 3-A, Automotive Low IQ Buck Converter with 165°C TJ
REVISED MARCH 2023
TPS629210-Q1 TI-TPS629210-Q1_V02 Datasheet
3Mb / 55P
TPS629210-Q1 1-A, 3-V to 17-V Automotive Low IQ Buck Converter
REVISED MARCH 2023
TPS62901-Q1 TI-TPS62901-Q1 Datasheet
1Mb / 54P
TPS62901-Q1 3-V to 18-V, 1-A, Automotive, Low IQ Buck Converter with 165°C TJ
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com