Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3645 Datasheet (PDF) - Maxim Integrated Products

MAX3645 Datasheet PDF - Maxim Integrated Products
Part # MAX3645
Download  MAX3645 Download
File Size   262.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector

MAX3645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3645 Datasheet PDF - Maxim Integrated Products

Part # MAX3645
Download  MAX3645 Click to download

File Size   262.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector

MAX3645 Datasheet (HTML) - Maxim Integrated Products


MAX3645 Product details

General Description
The MAX3645 limiting amplifier functions as a data quantizer and is pin compatible with the Mindspeed MC2045-2 and MC2045-2Y postamplifiers. The amplifier accepts a wide range of input voltages and provides constant-level positive emitter-coupled logic (PECL) output voltages with controlled edge speeds.

Features
♦ Pin Compatible with the Mindspeed
   MC2045-2/MC2045-2Y
♦ 500µV Input Sensitivity (BER = 10-12)
♦ Compatible with 4B/5B Data Coding
♦ Programmable LOS Threshold
♦ Stable LOS Threshold Over Supply Range
♦ Output Disable Function and Automatic Squelch
♦ Single +3.3V or +5.0V Power Supply
♦ 18mA Supply Current

Applications
   SONET 155Mbps Transceivers
   Fast Ethernet Receivers
   FDDI 125Mbps Receivers
   FTTx Receivers
   ESCON Receivers




Similar Part No. - MAX3645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3645 MAXIM-MAX3645 Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645EEE+ MAXIM-MAX3645EEE+ Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645ESE MAXIM-MAX3645ESE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
More results


Similar Description - MAX3645

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
2.97V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
2.97V TO 5.5V UART
logo
Maxim Integrated Produc...
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
logo
Exar Corporation
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
2.97V TO 5.5V DUART
logo
Maxim Integrated Produc...
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
2.97V TO 5.5V UART
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
2.97V TO 5.5V DUART
logo
Maxim Integrated Produc...
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com