Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD18VF1BLS-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD18VF1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD18VF1BLS-Q
Download  PESD18VF1BLS-Q Download
File Size   210.07 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra-low capacitance bidirectional ESD protection diode

PESD18VF1BLS-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD18VF1BLS-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD18VF1BLS-Q
Download  PESD18VF1BLS-Q Click to download

File Size   210.07 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Ultra-low capacitance bidirectional ESD protection diode

PESD18VF1BLS-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD18VF1BLS-Q Product details

1. General description
Ultra-low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode in a
DFN1006BD-2 (SOD882BD) leadless ultra small Surface-Mounted Device (SMD) plastic package,
designed to protect one signal line from the damage caused by ESD and other transients.

2. Features and benefits
• Ultra low diode capacitance Cd = 0.31 pF
• High reverse standoff voltage VRWM = 18 V
• Very small voltage dependency of the capacitance
• ESD protection up to ±10 kV according to IEC 61000-4-2, level 4
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• NFC antenna protection
• Protection of high-speed data lines




Similar Part No. - PESD18VF1BLS-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
logo
Nexperia B.V. All right...
PESD18VF1BL NEXPERIA-PESD18VF1BL Datasheet
311Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
11 April 2023
PESD18VF1BL-Q NEXPERIA-PESD18VF1BL-Q Datasheet
308Kb / 10P
Ultra low capacitance bidirectional ESD protection diode
18 January 2022
logo
NXP Semiconductors
PESD18VF1BL PHILIPS-PESD18VF1BL_15 Datasheet
716Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
More results


Similar Description - PESD18VF1BLS-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
Ultra low capacitance bidirectional ESD protection diode
1 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com