Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPC-10C Datasheet (PDF) - Bel Fuse Inc.

VRPC-10C Datasheet PDF - Bel Fuse Inc.
Part # VRPC-10C
Download  VRPC-10C Download
File Size   259.08 Kbytes
Page   10 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A

VRPC-10C Datasheet (PDF)

Go To PDF Page Download Datasheet
VRPC-10C Datasheet PDF - Bel Fuse Inc.

Part # VRPC-10C
Download  VRPC-10C Click to download

File Size   259.08 Kbytes
Page   10 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A

VRPC-10C Datasheet (HTML) - Bel Fuse Inc.


VRPC-10C Product details

Description
The Bel VRPC-10C series modules are non-isolated, DC/DC power converters that operate from a nominal 3.3V source. These converters are available in a range of output voltages from 1.5V to 2.5V. They are packaged in an industry standard single-in-line footprint with 10A maximum output. Standard features include remote on/off, over current and short circuit protection and output voltage adjust. Remote sense is an optional feature. These products may be used almost anywhere low voltage silicon is employed and a 3.3V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment.

VRPC-10C Series

• Nonisolated
• Industry standard pinout
• Fixed frequency
• High efficiency means less power dissipation
• High power density
• Optimized for cost
• Remote on/off
• Undervoltage lockout
• Over current and short circuit protection

Applications
• Telecommunications
• Networking
• Computers and peripherals




Similar Part No. - VRPC-10C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A150 BEL-VRPC-10A150 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A15S BEL-VRPC-10A15S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A250 BEL-VRPC-10A250 Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A25S BEL-VRPC-10A25S Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
More results


Similar Description - VRPC-10C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com