Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55A Datasheet (PDF) - Renesas Technology Corp

82C55A Datasheet PDF - Renesas Technology Corp
Part # 82C55A
Download  82C55A Download
File Size   818.54 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Peripheral Interface

82C55A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C55A Datasheet PDF - Renesas Technology Corp

Part # 82C55A
Download  82C55A Click to download

File Size   818.54 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Programmable Peripheral Interface

82C55A Datasheet (HTML) - Renesas Technology Corp


82C55A Product details

The Intersil 82C55A is a high performance CMOS version of
the industry standard 8255A and is manufactured using a
self-aligned silicon gate CMOS process (Scaled SAJI IV). It
is a general purpose programmable I/O device which may
be used with many different microprocessors. There are 24
I/O pins which may be individually programmed in 2 groups
of 12 and used in 3 major modes of operation. The high
performance and industry standard configuration of the
82C55A make it compatible with the 80C86, 80C88 and
other microprocessors.
Static CMOS circuit design insures low operating power. TTL
compatibility over the full military temperature range and bus
hold circuitry eliminate the need for pull-up resistors. The
Intersil advanced SAJI process results in performance equal
to or greater than existing functionally equivalent products at
a fraction of the power.

Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
(See Ordering Info)
• Pin Compatible with NMOS 8255A
• 24 Programmable I/O Pins
• Fully TTL Compatible
• High Speed, No “Wait State” Operation with 5MHz and
8MHz 80C86 and 80C88
• Direct Bit Set/Reset Capability
• Enhanced Control Word Read Capability
• L7 Process
• 2.5mA Drive Capability on All I/O Ports
• Low Standby Power (ICCSB) . . . . . . . . . . . . . . . . . . .10A




Similar Part No. - 82C55A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82C55A INTEL-82C55A Datasheet
325Kb / 23P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
554Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
More results


Similar Description - 82C55A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
CMOS Programmable Peripheral Interface
June 1998
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
CMOS Programmable Peripheral Interface
June 28, 2005
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
CMOS Programmable Peripheral Interface
June 15, 2006
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
CMOS Programmable Peripheral Interface
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com