Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C59A Datasheet (PDF) - Renesas Technology Corp

82C59A Datasheet PDF - Renesas Technology Corp
Part # 82C59A
Download  82C59A Download
File Size   604.53 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Priority Interrupt Controller

82C59A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C59A Datasheet PDF - Renesas Technology Corp

Part # 82C59A
Download  82C59A Click to download

File Size   604.53 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Priority Interrupt Controller

82C59A Datasheet (HTML) - Renesas Technology Corp


82C59A Product details

The Intersil 82C59A is a high performance CMOS Priority
Interrupt Controller manufactured using an advanced 2m
CMOS process. The 82C59A is designed to relieve the
system CPU from the task of polling in a multilevel
priority system. The high speed and industry standard
configuration of the 82C59A make it compatible with
microprocessors such as 80C286, 80286, 80C86/88,
8086/88, 8080/85 and NSC800.
The 82C59A can handle up to eight vectored priority
interrupting sources and is cascadable to 64 without
additional circuitry. Individual interrupting sources can be
masked or prioritized to allow custom system configuration.
Two modes of operation make the 82C59A compatible with
both 8080/85 and 80C86/88/286 formats.
Static CMOS circuit design ensures low operating power.
The Intersil advanced CMOS process results in performance
equal to or greater than existing equivalent products at a
fraction of the power.

Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• 12.5MHz, 8MHz and 5MHz Versions Available
• High Speed, “No Wait-State” Operation with 12.5MHz
80C286 and 8MHz 80C86/88
• Pin Compatible with NMOS 8259A
• 80C86/88/286 and 8080/85/86/88/286 Compatible
• Eight-Level Priority Controller, Expandable to
64 Levels
• Programmable Interrupt Modes
• Individual Request Mask Capability
• Fully Static Design
• Fully TTL Compatible
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . 10A Maximum
- ICCOP . . . . . . . . . . . . . . . . . . . . . .1mA/MHz Maximum
• Single 5V Power Supply
• Commercial, Industrial and Military Operating
Temperature Ranges Available




Similar Part No. - 82C59A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
CMOS Priority Interrupt Controller
March 1997
82C59A INTERSIL-82C59A Datasheet
410Kb / 22P
CMOS Priority Interrupt Controller
March 17, 2006
82C59A INTERSIL-82C59A_06 Datasheet
410Kb / 22P
CMOS Priority Interrupt Controller
March 17, 2006
More results


Similar Description - 82C59A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
CMOS Priority Interrupt Controller
March 1997
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
PRIORITY INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
fujitsu semiconductor
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
PRIORITY INTERRUPT CONTROL UNIT
logo
Intersil Corporation
82C59A INTERSIL-82C59A_06 Datasheet
410Kb / 22P
CMOS Priority Interrupt Controller
March 17, 2006
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
Interrupt controller
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
Interrupt controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com