Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C87H Datasheet (PDF) - Renesas Technology Corp

82C87H Datasheet PDF - Renesas Technology Corp
Part # 82C87H
Download  82C87H Download
File Size   192.37 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Inverting Bus Transceiver

82C87H Datasheet (PDF)

Go To PDF Page Download Datasheet
82C87H Datasheet PDF - Renesas Technology Corp

Part # 82C87H
Download  82C87H Click to download

File Size   192.37 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Inverting Bus Transceiver

82C87H Datasheet (HTML) - Renesas Technology Corp


82C87H Product details

Features
• Full Eight Bit Bi-Directional Bus Interface
• Industry Standard 8287 Compatible Pinout
• High Drive Capability
- B Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
- A Side IOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA
• Three-State Inverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation . . . . . . . . . . . . . . . ICCSB = 10µA
• Operating Temperature Range
- C82C87H . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C87H . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C87H . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC

Description
The Intersil 82C87H is a high performance CMOS Octal
Transceiver manufactured using a self-aligned silicon gate
CMOS process (Scaled SAJI IV). The 82C87H provides a full
eight-bit bi-directional bus interface in a 20 pin package. The
Transmit (T) control determines the data direction. The active
low output enable (OE) permits simple interface to the
80C86, 80C88 and other microprocessors. The 82C87H has
gated inputs, eliminating the need for pull-up/pull-down resistors and reducing overall system operating power dissipation.
The 82C87H provides inverted data at the outputs.




Similar Part No. - 82C87H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
More results


Similar Description - 82C87H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
Octal bus transceiver, inverting 3-State
1989 Nov 27
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
Inverting Octal Bus Transceiver
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com