Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89TTM552 Datasheet (PDF) - Renesas Technology Corp

89TTM552 Datasheet PDF - Renesas Technology Corp
Part # 89TTM552
Download  89TTM552 Download
File Size   661.37 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Traffic Manager Data Sheet

89TTM552 Datasheet (PDF)

Go To PDF Page Download Datasheet
89TTM552 Datasheet PDF - Renesas Technology Corp

Part # 89TTM552
Download  89TTM552 Click to download

File Size   661.37 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Traffic Manager Data Sheet

89TTM552 Datasheet (HTML) - Renesas Technology Corp


89TTM552 Product details

Description
The 89TTM55x Traffic Manager chipset consists of a 89TTM552
aggregate-flow device and a 89TTM553 per-flow device. The 89TTM55x
Traffic Manager manages bandwidth resources by shaping traffic to
defined rate profiles and by precisely controlling the allocation of bandwidth and acceptance of new traffic during times of network congestion.
The 89TTM55x provides a full suite of configurable algorithms that
support quality of service differentiation for any data protocol, at line
rates of 10 Gbps.
The 89TTM552, which can operate as a standalone device, is a 10
Gbps simplex device providing the following features:
– An aggregate-flow (AFQ) scheduler that can be used for classbased, virtual pipe, or flow scheduling for up to 4K queues.
– A logical port scheduler (1K port queues).
– Output queuing for channel-based backpressure from a
framer or fabric (1K OQs).
– Supports up to 256 MB external data buffering.
– Sophisticated congestion management features to manage
buffer resources.
– Spatial multicast labeling for the switch fabric and logical multicasting.
– Packet segmentation and reassembly across fabric or SPI4.2
channels.
– AAL-5 segmentation and reassembly
The 89TTM552 can be used in standalone mode to handle congestion management and scheduling of traffic where three levels of hierarchy and 4K queues (AFQs) are sufficient.
The 89TTM552 can perform simultaneous scheduling of a large
number of flows, each at an individual rate of fine granularity, and with
many user-configurable features allowing maximum flexibility and
performance. It has congestion management mechanisms that manage
shared traffic buffering resources. If buffer memory approaches its limit
because data arrives at a queue faster than it can depart, the 89TTM552
performs per-queue congestion management. It can also intelligently
discard lower priority traffic as it arrives until memory resources become
available.
The 89TTM552 controls traffic forwarding, manages the shared
buffer resources with multi-level thresholding, maintains the various
queues, and generates queue service selections (scheduling for departures) using bandwidth management algorithms developed by IDT.
Using industry-standard 16-bit LVDS Rx and Tx interfaces, the
89TTM552 receives and transmits data as packets or cells.
The 89TTM552 manages its data storage internally. It has fixed
blocks of memory for storing and forwarding data, and for managing
memory resources according to quality of service parameters. Each
block, or cell, contains up to 64 bytes of data payload from a packet. The
89TTM552 can process up to 35 Mcps/Mpps for both arrivals and departures. The 89TTM552 and 89TTM553 both operate up to 175 MHz.




Similar Part No. - 89TTM552

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89TTM552BL IDT-89TTM552BL Datasheet
374Kb / 30P
Traffic Manager Co-processor
More results


Similar Description - 89TTM552

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
Packet/ATM Traffic Manager and Switch
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
2.5-Gbps Network Processor with Integrated Traffic Manager
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
Traffic Manager Co-processor
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
Traffic Manager Co-processor
March 3, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com