Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB1904B Datasheet (PDF) - Renesas Technology Corp

9DB1904B Datasheet PDF - Renesas Technology Corp
Part # 9DB1904B
Download  9DB1904B Download
File Size   318.06 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19 Output Differential Buffer for PCIe Gen2 and QPI

9DB1904B Datasheet (PDF)

Go To PDF Page Download Datasheet
9DB1904B Datasheet PDF - Renesas Technology Corp

Part # 9DB1904B
Download  9DB1904B Click to download

File Size   318.06 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19 Output Differential Buffer for PCIe Gen2 and QPI

9DB1904B Datasheet (HTML) - Renesas Technology Corp


9DB1904B Product details

Description
The 9DB1904 is electrically compatible to the Intel DB1900GS
Differential Buffer Specification. This buffer provides 19 output clocks
for PCI-Express Gen2 or Intel QPI 6.4GT/s applications. A differential
clock from a CK410B+ main clock generator, such as the
ICS932S421 drives the 9DB1904. The 9DB1904 can provide
outputs up to 400MHz in Bypass Mode.

Features/Benefits
• Power up default is all outputs in 1:1 mode/No SMBus
programming
• Spread spectrum compatible/EMI reductions
• Supports output frequencies up to 400 MHz in bypass
mode/flexible fanout buffer
• 8 Selectable SMBus addresses/no SMBus
segmentation required
• SMBus address determines PLL or Bypass mode/pin
savings
• Dedicated VDDA and CKPWRGD_PD# pins/easy board
design




Similar Part No. - 9DB1904B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9DB1904BKLF IDT-9DB1904BKLF Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9DB1904BKLFT IDT-9DB1904BKLFT Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
More results


Similar Description - 9DB1904B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB1904B IDT-9DB1904B Datasheet
179Kb / 18P
19 Output Differential Buffer for PCIe Gen2 and QPI
9ZX21901C IDT-9ZX21901C Datasheet
180Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B Datasheet
192Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
ICS9ZX21901CKLFT IDT-ICS9ZX21901CKLFT Datasheet
180Kb / 16P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901B IDT-9ZX21901B_15 Datasheet
258Kb / 18P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
9ZX21901C IDT-9ZX21901C_15 Datasheet
318Kb / 20P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
logo
Renesas Technology Corp
9DB1200C RENESAS-9DB1200C Datasheet
298Kb / 15P
Twelve Output Differential Buffer for PCIe Gen1/Gen2, QPI, and FBDIMM
8/15/12
9ZX21901C RENESAS-9ZX21901C Datasheet
513Kb / 21P
19-Output Differential Zbuffer for PCIe Gen2/3 and QPI
11/19/15
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com