Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0541 Datasheet (PDF) - Renesas Technology Corp

9DBU0541 Datasheet PDF - Renesas Technology Corp
Part # 9DBU0541
Download  9DBU0541 Download
File Size   412.29 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms

9DBU0541 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBU0541 Datasheet PDF - Renesas Technology Corp

Part # 9DBU0541
Download  9DBU0541 Click to download

File Size   412.29 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms

9DBU0541 Datasheet (HTML) - Renesas Technology Corp


9DBU0541 Product details

Description
The 9DBU0541 is a member of IDT's 1.5V Ultra-Low-Power
(ULP) PCIe family. It has integrated terminations for direct
connection to 100 transmission lines. The device has 5
output enables for clock management, and 3 selectable
SMBus addresses.

Features/Benefits
• Integrated terminations; save 20 resistors compared to
standard HCSL outputs
• 35mW typical power consumption; eliminates thermal
concerns
• Spread Spectrum (SS) compatible; allows SS for EMI
reduction
• OE# pins; support DIF power management
• HCSL-compatible differential input; can be driven by
common clock sources
• SMBus-selectable features; optimize signal integrity to
application
• slew rate for each output
• differential output amplitude
• Device contains default configuration; SMBus interface not
required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
• 5 × 5 mm 32-VFQFPN; minimal board space




Similar Part No. - 9DBU0541

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
slew rate for each output
REVISION D 04/22/15
logo
Integrated Device Techn...
9DBU0541 IDT-9DBU0541 Datasheet
190Kb / 16P
HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0541 RENESAS-9DBU0541 Datasheet
451Kb / 15P
5-Output 1.5V PCIe Gen1–3 Fanout Buffer with Zo = 100ohms
December 3, 2025
logo
Integrated Device Techn...
9DBU0541AKILF IDT-9DBU0541AKILF Datasheet
218Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0541AKILF RENESAS-9DBU0541AKILF Datasheet
451Kb / 15P
5-Output 1.5V PCIe Gen1–3 Fanout Buffer with Zo = 100ohms
December 3, 2025
More results


Similar Description - 9DBU0541

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0941 RENESAS-9DBU0941 Datasheet
412Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com