Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DML4493A Datasheet (PDF) - Renesas Technology Corp

9DML4493A Datasheet PDF - Renesas Technology Corp
Part # 9DML4493A
Download  9DML4493A Download
File Size   745.73 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:4 Clock MUX for PCI Express Gen1–6

9DML4493A Datasheet (PDF)

Go To PDF Page Download Datasheet
9DML4493A Datasheet PDF - Renesas Technology Corp

Part # 9DML4493A
Download  9DML4493A Click to download

File Size   745.73 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:4 Clock MUX for PCI Express Gen1–6

9DML4493A Datasheet (HTML) - Renesas Technology Corp


9DML4493A Product details

Description
The 9DML4493A is a 4-input, 4-output clock multiplexer. It can
also operate as a dual 2-input, 2-output clock multiplexer. It has
very low additive phase jitter and is suitable for all PCIe data
rates. The device supports today's complex system power
sequencing requirements with Power Down Tolerant and Flexible
Power Sequencing features.

Features
▪ Four differential inputs support LVPECL, LVDS, HCSL or
LVCMOS reference clocks
▪ Flexible Power Sequencing (FPS) ensures good behavior
when powered up without input clock, or when the input clock
is present without power
▪ Power-Down Tolerant (PDT) inputs: CLK_SEL_tri, OE pins,
IOA_tri, IOB_tri, ZOUTSEL may be driven when the 9DML4493
is not powered up
▪ Accepts input frequencies ranging from 1PPS (1Hz) to 350MHz
▪ Configured via pin straps - no serial bus needed
• Pin-selectable 100Ω or 85Ω differential output impedance
• Three pin-selectable output amplitudes per bank
• Pin-selectable 4:4 mode or dual 2:2 MUX modes
▪ Glitch-free output enable pins for each output
▪ Spread-spectrum tolerant
▪ Voltage supply of 1.8V, 2.5V, or 3.3V
▪ -40°C to +85°C ambient operating temperature
▪ 5 × 5 mm 32-VFQFPN package




Similar Part No. - 9DML4493A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DML4493A RENESAS-9DML4493A Datasheet
697Kb / 24P
4:4 Clock MUX for PCI Express Gen1–7
May 20, 2025
9DML4493A RENESAS-9DML4493A Datasheet
426Kb / 3P
4:4 Clock MUX for PCI Express Gen1–7
May 20, 2025
9DML4493ANLGI RENESAS-9DML4493ANLGI Datasheet
697Kb / 24P
4:4 Clock MUX for PCI Express Gen1–7
May 20, 2025
9DML4493ANLGI RENESAS-9DML4493ANLGI Datasheet
426Kb / 3P
4:4 Clock MUX for PCI Express Gen1–7
May 20, 2025
9DML4493ANLGI8 RENESAS-9DML4493ANLGI8 Datasheet
697Kb / 24P
4:4 Clock MUX for PCI Express Gen1–7
May 20, 2025
More results


Similar Description - 9DML4493A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Pericom Semiconductor C...
PI6PCIEB24 PERICOM-PI6PCIEB24 Datasheet
639Kb / 7P
1:4 PCI Express Clock Driver
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com