Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-5028-C7 Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

RV-5028-C7 Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # RV-5028-C7
Download  RV-5028-C7 Download
File Size   946.84 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Extreme Low Power RTC Module

RV-5028-C7 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV-5028-C7 Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # RV-5028-C7
Download  RV-5028-C7 Click to download

File Size   946.84 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Extreme Low Power RTC Module

RV-5028-C7 Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND


RV-5028-C7 Product details

APPLICATIONS
Neurostimulators
Cardiac Monitoring Devices
Infusion Pumps
Smart Orthopedic Implants

DESCRIPTION
The RV-5028-C7 Medical Real-Time Clock Module is manufactured specifically for use in implantable medical devices. It incorporates a real-time clock CMOS circuit and built in 32.768 kHz crystal.
Micro Crystal’s long history in supplying medical grade timing devices ensures that the RV-5028-C7 Medical is produced in accordance with the highest quality production technologies. Long-term reliability is of utmost importance (Class III Implantable) and a hallmark of Micro Crystal’s entire medical implantable grade portfolio.

FEATURES
-
Extreme low power consumption: 45 nA @ 3 V
-
Wide operating voltage range: 1.1 V to 5.5 V
-
Time accuracy: Factory calibrated to ±1 ppm @ 25°C
-
Programmable password for write protection of time and configuration
-
Automatic Backup Switchover and Trickle Charger function
-
Provides year to seconds and UNIX
-
Timer, Alarm and External event input with Time Stamp function
-
Clock output: 32.768 kHz, 8192 Hz, 1024 Hz, 64 Hz, 32 Hz, 1 Hz
-
43 bytes non-volatile user memory, 2 bytes user RAM
-
I2C-bus interface: 400 kHz




Similar Part No. - RV-5028-C7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
RV-50V470MG10-R ALTERA-RV-50V470MG10-R Datasheet
66Kb / 3P
RV Vertical Chip Electrolytic Capacitors
More results


Similar Description - RV-5028-C7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
Low Power RTC with Battery Backed
July 15, 2010
logo
ACE Technology Co., LTD...
ACE5372 ACE-ACE5372_11 Datasheet
939Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.3
ACE5372 ACE-ACE5372_14 Datasheet
813Kb / 31P
Low Power Real-Time Clock (RTC)
VER 1.4
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3 Datasheet
234Kb / 2P
Extreme Low Power RTC Module
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_16 Datasheet
407Kb / 2P
Extreme Low Power RTC Module
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3_18 Datasheet
758Kb / 5P
RTC I C Bus Low Power
RV2123C2 GOLLEDGE-RV2123C2_18 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
RV8523C3 GOLLEDGE-RV8523C3_18 Datasheet
743Kb / 5P
RTC I C bus Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_18 Datasheet
1,013Kb / 2P
Extreme Low Power RTC Module
RV-3028-C7 MICROCRYSTAL-RV-3028-C7 Datasheet
1Mb / 2P
Extreme Low Power RTC Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com