Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3032-C7 Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

RV-3032-C7 Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # RV-3032-C7
Download  RV-3032-C7 Download
File Size   501.35 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Real-Time Clock Module with I2C-Bus

RV-3032-C7 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV-3032-C7 Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # RV-3032-C7
Download  RV-3032-C7 Click to download

File Size   501.35 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description Real-Time Clock Module with I2C-Bus

RV-3032-C7 Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND


RV-3032-C7 Product details

APPLICATIONS
IoT
Metering
Industrial
Automotive
Health Care
Wearables, Portables

DESCRIPTION
The RV-3032-C7 is a SMD Real-Time Clock Module that incorporates
an integrated CMOS circuit together with an XTAL. It operates under
vacuum in a hermetically sealed ceramic package with metal lid.

FEATURES
Ultra low power consumption: 160 nA @ 3 V
Wide operating voltage range: 1.3 V to 5.5 V
Time accuracy: -40°C to +85°C, ±2.5 ppm
Readable 12-bit Temperature Sensor with interrupt function
User programmable Password for write protection
Automatic Backup Switchover
Trickle Charger with Charge Pump
Timer, Alarm and External Event functions
Clock output frequencies: 1 Hz to 52 MHz
32 bytes user EEPROM, 16 bytes user RAM
I2C-bus interface: 400 kHz
100% Pb-free, RoHS-compliant
Automotive qualification according to AEC-Q200 available




Similar Part No. - RV-3032-C7

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3028-C7 MICROCRYSTAL-RV-3028-C7 Datasheet
1Mb / 2P
Extreme Low Power RTC Module
RV-3028-C7TAQA MICROCRYSTAL-RV-3028-C7TAQA Datasheet
1Mb / 2P
Extreme Low Power RTC Module
RV-3028-C7TAQC MICROCRYSTAL-RV-3028-C7TAQC Datasheet
1Mb / 2P
Extreme Low Power RTC Module
RV-3029 MICROCRYSTAL-RV-3029 Datasheet
1Mb / 67P
DTCXO Temperature Compensated Real Time Clock
RV-3029-C2 MICROCRYSTAL-RV-3029-C2 Datasheet
551Kb / 2P
Real Time Clock Module with IC-Bus
More results


Similar Description - RV-3032-C7

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com