Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMP5501Y Datasheet (PDF) - Nexperia B.V. All rights reserved

PMP5501Y Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMP5501Y
Download  PMP5501Y Download
File Size   239.58 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA PNP/PNP matched double transistor

PMP5501Y Datasheet (PDF)

Go To PDF Page Download Datasheet
PMP5501Y Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMP5501Y
Download  PMP5501Y Click to download

File Size   239.58 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA PNP/PNP matched double transistor

PMP5501Y Datasheet (HTML) - Nexperia B.V. All rights reserved


PMP5501Y Product details

1. General description
PNP/PNP matched double transistor in a very small SOT363 (SC-88) Surface-Mounted Device
(SMD) plastic package.
PNP/PNP hFE1/hFE2 0.98 complement: PMP5201Y
NPN/NPN complement: PMP4501Y

2. Features and benefits
• Current gain matching
• Base-emitter voltage matching
• Application-optimized pinout
• AEC-Q101 qualified

3. Applications
• Current mirror
• Differential amplifier




Similar Part No. - PMP5501Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP5501Y PHILIPS-PMP5501Y Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PMP5501Y NXP-PMP5501Y Datasheet
119Kb / 14P
PNP/PNP matched double transistors
Rev. 03-28 August 2009
logo
Nexperia B.V. All right...
PMP5501Y NEXPERIA-PMP5501Y Datasheet
122Kb / 14P
NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
PMP5501Y NEXPERIA-PMP5501Y Datasheet
118Kb / 14P
PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
More results


Similar Description - PMP5501Y

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMP5201G NEXPERIA-PMP5201G Datasheet
241Kb / 10P
45 V, 100 mA PNP/PNP matched double transistor
28 December 2022
BCM856BSH-Q NEXPERIA-BCM856BSH-Q Datasheet
237Kb / 10P
65 V, 100 mA PNP/PNP matched double transistor
6 May 2021
BCM857BSH-Q NEXPERIA-BCM857BSH-Q Datasheet
237Kb / 10P
45 V, 100 mA PNP/PNP matched double transistor
6 May 2021
BCM857BSH NEXPERIA-BCM857BSH Datasheet
236Kb / 10P
45 V, 100 mA PNP/PNP matched double transistor
22 March 2021
BCM857QAS NEXPERIA-BCM857QAS Datasheet
228Kb / 11P
45 V, 100 mA PNP/PNP matched double transistors
24 April 2018
PMP5201Y-Q NEXPERIA-PMP5201Y-Q Datasheet
238Kb / 10P
45 V, 100 mA PNP/PNP matched double transistor
31 August 2022
PMP5501QAS NEXPERIA-PMP5501QAS Datasheet
227Kb / 11P
45 V, 100 mA PNP/PNP matched double transistors
9 February 2018
PMP5201V NEXPERIA-PMP5201V Datasheet
223Kb / 9P
45 V, 100 mA PNP/PNP matched double transistor
28 December 2022
PMP5201Y NEXPERIA-PMP5201Y Datasheet
239Kb / 10P
45 V, 100 mA PNP/PNP matched double transistor
28 December 2022
PMP5501V NEXPERIA-PMP5501V Datasheet
223Kb / 9P
45 V, 100 mA PNP/PNP matched double transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com