Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES701 Datasheet (PDF) - Microsemi Corporation

UES701 Datasheet PDF - Microsemi Corporation
Part # UES701
Download  UES701 Download
File Size   319.21 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A

UES701 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES701 Datasheet PDF - Microsemi Corporation

Part # UES701
Download  UES701 Click to download

File Size   319.21 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A

UES701 Datasheet (HTML) - Microsemi Corporation


UES701 Product details

FEATURES
• Very low forward voltage (0.825 V @ IF = 25 A).
• Very fast recovery times (35-50 ns).
• Low thermal resistance.
• High reliability screening option.
• Mechanically rugged.
• Both polarities available.
• RoHS compliant devices available by adding “e3” suffix (commercial grade only).

APPLICATIONS / BENEFITS
• Power switching circuits 20 kHz and above with minimal parasitic switching losses.
• Catch diodes for switching regulators.
• Output rectifiers for high frequency square-wave inverters.
• Extremely robust in power cycling.
• High surge capability.
• Hermetically sealed.




Similar Part No. - UES701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES701 MICROSEMI-UES701 Datasheet
117Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UES701 DIGITRON-UES701 Datasheet
215Kb / 3P
ULTRA FAST RECOVERY RECTIFIERS
More results


Similar Description - UES701

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H30D05 MOSPEC-H30D05 Datasheet
141Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,50-200V)
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
Delta Electronics, Inc.
V48SH1R830NNFA DELTA-V48SH1R830NNFA Datasheet
743Kb / 13P
High efficiency: 89% @ 1.8V/30A
V48SH3R330NNFA DELTA-V48SH3R330NNFA Datasheet
752Kb / 13P
High efficiency: 91.0% @ 3.3V/30A
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
UES2604 NJSEMI-UES2604 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com