Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS128K32-XG2UX Datasheet (PDF) - Microsemi Corporation

WS128K32-XG2UX Datasheet PDF - Microsemi Corporation
Part # WS128K32-XG2UX
Download  WS128K32-XG2UX Download
File Size   1220.76 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595

WS128K32-XG2UX Datasheet (PDF)

Go To PDF Page Download Datasheet
WS128K32-XG2UX Datasheet PDF - Microsemi Corporation

Part # WS128K32-XG2UX
Download  WS128K32-XG2UX Click to download

File Size   1220.76 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595

WS128K32-XG2UX Datasheet (HTML) - Microsemi Corporation


WS128K32-XG2UX Product details

FEATURES
 Access Times of 15, 17, 20, 25, 35, 45, 55ns
 MIL-STD-883 Compliant Devices Available
 Packaging
• 66 pin, PGA Type, 1.075" square, Hermetic Ceramic HIP
(Package 400)
• 68 lead, 40mm CQFP (G4T)1, 3.56mm (0.140") (Package
502)
• 68 lead, 22.4mm CQFP (G2U), 3.56mm (0.140"),
(Package 510)
• 68 lead, 22.4mm (0.880") square, CQFP (G2L), 5.08mm
(0.200") high, (Package 528)
 Organized as 128Kx32; User Confi gurable as 256Kx16 or
512Kx8
 Commercial, Industrial and Military Temperature Ranges
 5 Volt Power Supply
 Low Power CMOS
 TTL Compatible Inputs and Outputs
 Built in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation
 Weight:
WS128K32-XG2UX - 8 grams typical
WS128K32-XG2LX - 8 grams typical
WS128K32-XH1X - 13 grams typical
WS128K32-XG4TX1 - 20 grams typical
 Devices are upgradeable to 512Kx32




Similar Part No. - WS128K32-XG2UX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results


Similar Description - WS128K32-XG2UX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
512K X 32 SRAM MODULE SMD 5962-94611
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
128Kx8 MONOLITHIC SRAM, SMD 5962-89598
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
128Kx32 EEPROM MODULE, SMD 5962-94585
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
128KX32 5V FLASH MODULE, SMD 5962-94716
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
512Kx8 SRAM MODULE, SMD 5962-92078
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
512Kx32 SRAM MODULE, SMD 5962-94611
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
512KX16 SRAM/FLASH MODULE, SMD 5962-96901
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com