Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30250 Datasheet (PDF) - Microsemi Corporation

ZL30250 Datasheet PDF - Microsemi Corporation
Part # ZL30250
Download  ZL30250 Download
File Size   272.91 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer

ZL30250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL30250 Datasheet PDF - Microsemi Corporation

Part # ZL30250
Download  ZL30250 Click to download

File Size   272.91 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer

ZL30250 Datasheet (HTML) - Microsemi Corporation


ZL30250 Product details

Features
• 4 Input Clocks
• One crystal/CMOS input
• Two differential/CMOS inputs
• One single-ended/CMOS input
• Any input frequency from 9.72MHz to 1250MHz
(9.72MHz to 300MHz for CMOS)
• Clock selection by pin or register control
• Low-jitter Fractional-N APLL and 3 Outputs
• Any output frequency from <1Hz to 1035MHz
• High-resolution fractional frequency conversion
with 0ppm error
• Easy-to-configure, encapsulated design
requires no external VCXO or loop filter
components
• Each output has independent dividers
• Output jitter is typically 0.16 to 0.28ps RMS
(12kHz-20MHz integration band)
• Outputs are CML or 2xCMOS, can interface to
LVDS, LVPECL, HSTL, SSTL and HCSL
• In 2xCMOS mode, the P and N pins can be
different frequencies (e.g. 125MHz and 25MHz)
• Per-output supply pin with CMOS output
voltages from 1.5V to 3.3V
• Precise output alignment circuitry and peroutput
phase adjustment
• Per-output enable/disable and glitchless
start/stop (stop high or low)
General Features
• Automatic self-configuration at power-up from
external (ZL30250) or internal (ZL30251)
EEPROM; up to four configs, pin-selectable
• Numerically controlled oscillator mode
• Spread-spectrum modulation mode
• SPI or I2C processor Interface
• Tiny 5x5mm QFN package
• Easy-to-use evaluation software
Applications
Frequency conversion and frequency synthesis in
a wide variety of equipment types




Similar Part No. - ZL30250

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30226 ZARLINK-ZL30226 Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
ZL30226/GA ZARLINK-ZL30226/GA Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
ZL30227 ZARLINK-ZL30227 Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
ZL30227/GA ZARLINK-ZL30227/GA Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
ZL30228 ZARLINK-ZL30228 Datasheet
801Kb / 141P
4/8/16 Port IMA/TC PHY Device for xDSL
More results


Similar Description - ZL30250

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Microchip Technology
ZL30260 MICROCHIP-ZL30260 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
ZL30264 MICROCHIP-ZL30264 Datasheet
2Mb / 93P
2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
logo
Skyworks Solutions Inc.
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com