Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40231 Datasheet (PDF) - Microsemi Corporation

ZL40231 Datasheet PDF - Microsemi Corporation
Part # ZL40231
Download  ZL40231 Download
File Size   1953.6 Kbytes
Page   36 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output

ZL40231 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40231 Datasheet PDF - Microsemi Corporation

Part # ZL40231
Download  ZL40231 Click to download

File Size   1953.6 Kbytes
Page   36 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Low Skew, Low Additive Jitter, 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output

ZL40231 Datasheet (HTML) - Microsemi Corporation


ZL40231 Product details

Features
• 3 to 1 input Multiplexer: Two inputs accept any differential (LVPECL, HCSL, LVDS, SSTL, CML, LVCMOS) or a single ended signal and the third input accepts a crystal or a single ended signal
• Ten differential LVPECL/LVDS/HCSL outputs
• One LVCMOS output
• Ultra-low additive jitter: 24fs (integration band: 12kHz to 20MHz at 625MHz clock frequency)
• Supports clock frequencies from 0 to 1.6GHz
• Supports 2.5V or 3.3V power supplies on LVPECL, LVDS or HCSL outputs
• Supports 1.5V, 1.8V, 2.5V or 3.3V on LVCMOS outputs
• Embedded Low Drop Out (LDO) Voltage regulator provides superior Power Supply Noise Rejection
• Maximum output to output skew of 40ps
• Device controlled via control pins

Applications
• General purpose clock distribution
• Low jitter clock trees
• Logic translation
• Clock and data signal restoration
• Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
• PCI Express generation 1/2/3/4 clock distribution
• Wireless communications
• High performance microprocessor clock distribution
• Test Equipment




Similar Part No. - ZL40231

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40230LDF1 MICROSEMI-ZL40230LDF1 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40230LDG1 MICROSEMI-ZL40230LDG1 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
ZL40234LDF1 MICROSEMI-ZL40234LDF1 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
More results


Similar Description - ZL40231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P34S1208I IDT-IDT8P34S1208I Datasheet
345Kb / 18P
Eight low skew, low additive jitter LVDS output pairs
IDT8SLVD1208-33I IDT-IDT8SLVD1208-33I Datasheet
400Kb / 21P
Eight low skew, low additive jitter LVDS output pairs
logo
Microchip Technology
ZL40272 MICROCHIP-ZL40272 Datasheet
2Mb / 54P
Low-Skew, Low Additive Jitter, 12 Output HCSL/LVDS/ LVPECL Fanout Buffer with Per-Output Enable Control
09/14/21
logo
Renesas Technology Corp
8SLVS1118 RENESAS-8SLVS1118 Datasheet
774Kb / 21P
1:18, Low Skew, Low Additive Jitter LVDS/ LVPECL Fanout Buffer
January 15, 2019
logo
Microsemi Corporation
ZL40230 MICROSEMI-ZL40230 Datasheet
2Mb / 51P
Low Skew, Low Additive Jitter 10 output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40234 MICROSEMI-ZL40234 Datasheet
1Mb / 35P
Low Skew, Low Additive Jitter, 4 Output LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
September 2018
ZL40235 MICROSEMI-ZL40235 Datasheet
2Mb / 50P
Low Skew, Low Additive Jitter 3 x 5 LVPECL/LVDS/HCSL Fanout Buffer with one LVCMOS output
October 2018
ZL40240 MICROSEMI-ZL40240 Datasheet
1Mb / 34P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
February 2017
ZL40241 MICROSEMI-ZL40241 Datasheet
745Kb / 23P
Ten LVCMOS Output Low Additive Jitter Fanout Buffer
October 2018
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com