Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3458 Datasheet (PDF) - Renesas Technology Corp

2SK3458 Datasheet PDF - Renesas Technology Corp
Part # 2SK3458
Download  2SK3458 Download
File Size   249.16 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SK3458 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3458 Datasheet PDF - Renesas Technology Corp

Part # 2SK3458
Download  2SK3458 Click to download

File Size   249.16 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

2SK3458 Datasheet (HTML) - Renesas Technology Corp


2SK3458 Product details

DESCRIPTION
The 2SK3458 is N-channel DMOS FET device that features a
low gate charge and excellent switching characteristics,
designed for high voltage applications such as switching power
supply.

FEATURES
• Low gate charge
QG = 25 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
• Gate voltage rating ±30 V
• Low on-state resistance
RDS(on) = 2.2 Ω MAX. (VGS = 10 V, ID = 3.0 A)
• Avalanche capability ratings
• Surface mount package available




Similar Part No. - 2SK3458

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
logo
Guangdong Kexin Industr...
2SK3458 KEXIN-2SK3458 Datasheet
44Kb / 1P
MOS Field Effect Transistor
logo
NEC
2SK3458-S NEC-2SK3458-S Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458-ZK NEC-2SK3458-ZK Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results


Similar Description - 2SK3458

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com