Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

810252DI-02 Datasheet (PDF) - Renesas Technology Corp

810252DI-02 Datasheet PDF - Renesas Technology Corp
Part # 810252DI-02
Download  810252DI-02 Download
File Size   344.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO Jitter Attenuator & FemtoClock® Multiplier

810252DI-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
810252DI-02 Datasheet PDF - Renesas Technology Corp

Part # 810252DI-02
Download  810252DI-02 Click to download

File Size   344.96 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO Jitter Attenuator & FemtoClock® Multiplier

810252DI-02 Datasheet (HTML) - Renesas Technology Corp


810252DI-02 Product details

General Description
The ICS810252DI-02 is a PLL based synchronous multiplier that is
optimized for PDH or SONET to Ethernet clock jitter attenuation and
frequency translation. The device contains two internal frequency
multiplication stages that are cascaded in series. The first stage is a
VCXO PLL that is optimized to provide reference clock jitter
attenuation. The second stage is a FemtoClock® frequency multiplier
that provides the low jitter, high frequency Ethernet output clock that
easily meets Gigabit and 10 Gigabit Ethernet jitter requirements.
Pre-divider and output divider multiplication ratios are selected using
device selection control pins. The multiplication ratios are optimized
to support most common clock rates used in PDH, SONET and
Ethernet applications. The VCXO requires the use of an external,
inexpensive pullable crystal. The VCXO uses external passive loop
filter components which allows configuration of the PLL loop
bandwidth and damping characteristics. The device is packaged in a
space-saving 32-VFQFN package and supports industrial
temperature range.

Features
• Two LVCMOS/LVTTL outputs, 14 output impedance
Each output supports independent frequency selection at 25MHz,
125MHz, 156.25MHz and 312.5MHz
• Two differential input pairs support the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Accepts input frequencies from: 8kHz to 155.52MHz including
8kHz, 1.544MHz, 2.048MHz, 19.44MHz, 25MHz, 77.76MHz,
125MHz and 155.52MHz
• Attenuates the phase jitter of the input clock by using a low-cost
pullable fundamental mode VCXO crystal
• VCXO PLL bandwidth can be optimized for jitter attenuation and
reference tracking using external loop filter connection
• FemtoClock frequency multiplier provides low jitter, high
frequency output
• Absolute pull range: ±50ppm
• FemtoClock VCO frequency: 625MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(10kHz – 20MHz): 1.3ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging
• Not Recommended for New Designs. For new designs use
810N252I-02




Similar Part No. - 810252DI-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810252AGILF IDT-810252AGILF Datasheet
257Kb / 16P
VCXO and Synchronous Ethernet Jit ter At tenuator
logo
Renesas Technology Corp
810252AGILF RENESAS-810252AGILF Datasheet
450Kb / 17P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
logo
Integrated Device Techn...
810252AGILFT IDT-810252AGILFT Datasheet
257Kb / 16P
VCXO and Synchronous Ethernet Jit ter At tenuator
logo
Renesas Technology Corp
810252AGILFT RENESAS-810252AGILFT Datasheet
450Kb / 17P
VCXO and Synchronous Ethernet Jitter Attenuator
March 3, 2016
logo
Integrated Device Techn...
810252BKI-03LF IDT-810252BKI-03LF Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
More results


Similar Description - 810252DI-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
VCXO Jitter Attenuator and FemtoClock??Multiplier
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
VCXO Jitter Attenuator & FemtoClock Multiplier
logo
Renesas Technology Corp
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N322I-02 RENESAS-813N322I-02 Datasheet
728Kb / 26P
Jitter Attenuator & FemtoClock NG® Multiplier
February 26, 2016
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
Jitter Attenuator & FemtoClock® Multiplier
2019
ICS813N322-02 RENESAS-ICS813N322-02 Datasheet
875Kb / 25P
Jitter Attenuator & FemtoClock NG® Multiplier
2019
ICS813252I-02 RENESAS-ICS813252I-02 Datasheet
677Kb / 23P
Jitter Attenuator & FemtoClock® Multiplier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com