Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813N2532 Datasheet (PDF) - Renesas Technology Corp

813N2532 Datasheet PDF - Renesas Technology Corp
Part # 813N2532
Download  813N2532 Download
File Size   885.62 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Jitter Attenuator and FemtoClock® NG Multiplier

813N2532 Datasheet (PDF)

Go To PDF Page Download Datasheet
813N2532 Datasheet PDF - Renesas Technology Corp

Part # 813N2532
Download  813N2532 Click to download

File Size   885.62 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Jitter Attenuator and FemtoClock® NG Multiplier

813N2532 Datasheet (HTML) - Renesas Technology Corp


813N2532 Product details

Description
The 813N2532 device uses IDT's fourth generation FemtoClock®
NG technology for optimal high clock frequency and low phase noise
performance, combined with a low power consumption and high
power supply noise rejection. The 813N2532 is a PLL based
synchronous multiplier that is optimized for PDH or SONET to
Ethernet clock jitter attenuation and frequency translation.
The 813N2532 is a fully integrated Phase Locked loop utilizing a
FemtoClock NG Digital VCXO that provides the low jitter, high
frequency SONET/PDH output clock that easily meets OC-48 jitter
requirements. This VCXO technology simplifies PLL design by
replacing the pullable crystal requirement of analog VCXOs with a
fixed 27MHz generator crystal. Jitter attenuation down to 10Hz is
provided by an external loop filter. Pre-divider and output divider
multiplication ratios are selected using device selection control pins.
The multiplication ratios are optimized to support most common
clock rates used in PDH, SONET and Ethernet applications. The
device requires the use of an external, inexpensive fundamental
mode 27MHz crystal. The device is packaged in a space-saving
32-VFQFN package and supports commercial temperature range.

Features
• Fourth generation FemtoClock® NG technology
• Two LVPECL output pairs
• Output frequencies: 19.44MHz, 25MHz, 125MHz, 155.52MHz
and 156.25MHz
• Two differential inputs support the following input types: LVPECL,
LVDS, LVHSTL, HCSL
• Accepts input frequencies from 8kHz to 38.88MHz including 8kHz,
19.44MHz, 25MHz and 38.88MHz
• Crystal interface optimized for a 27MHz, 10pF parallel
resonant crystal
• Attenuates the phase jitter of the input clock by using a low-cost
fundamental mode crystal
• Customized settings for jitter attenuation and reference tracking
using external loop filter connection
• FemtoClock NG frequency multiplier provides low jitter, high
frequency output
• Absolute pull range: ±100ppm
• Power supply noise rejection (PSNR): -95dB (typical)
• RMS phase jitter at 156.25MHz, using a 27MHz crystal
(12kHz – 20MHz): 0.64ps (typical)
• RMS phase jitter at 155.52MHz, using a 27MHz crystal
(12kHz – 20MHz): 0.64ps (typical)
• RMS phase jitter at 125MHz, using a 27MHz crystal
(12kHz – 20MHz): 0.66ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 813N2532

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
813N2532 IDT-813N2532 Datasheet
371Kb / 24P
Jit ter At tenuator & FemtoClock NG Mult iplier
813N2532CKILF IDT-813N2532CKILF Datasheet
373Kb / 24P
Jit ter At tenuator & FemtoClock NG Mult iplier
813N2532CKILFT IDT-813N2532CKILFT Datasheet
373Kb / 24P
Jit ter At tenuator & FemtoClock NG Mult iplier
813N2532CKLF IDT-813N2532CKLF Datasheet
371Kb / 24P
Jit ter At tenuator & FemtoClock NG Mult iplier
813N2532CKLFT IDT-813N2532CKLFT Datasheet
371Kb / 24P
Jit ter At tenuator & FemtoClock NG Mult iplier
More results


Similar Description - 813N2532

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
813N252DI-02 IDT-813N252DI-02 Datasheet
488Kb / 23P
Jitter Attenuator & FemtoClock NG Multiplier
logo
Renesas Technology Corp
810N322I-02 RENESAS-810N322I-02 Datasheet
681Kb / 24P
Jitter Attenuator & FemtoClock NG® Multiplier
February 25, 2016
813N252DI-02 RENESAS-813N252DI-02 Datasheet
804Kb / 24P
Jitter Attenuator & FemtoClock NG® Multiplier
08/14/15
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
813N2532I RENESAS-813N2532I Datasheet
751Kb / 25P
Jitter Attenuator & FemtoClock® NG Multiplier
April 11, 2016
813N322I-02 RENESAS-813N322I-02 Datasheet
728Kb / 26P
Jitter Attenuator & FemtoClock NG® Multiplier
February 26, 2016
ICS810N252I-02 RENESAS-ICS810N252I-02 Datasheet
459Kb / 22P
Jitter Attenuator & FemtoClock NG® Multiplier
MAY 31, 2013
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
Jitter Attenuator & FemtoClock® Multiplier
2019
ICS813N322-02 RENESAS-ICS813N322-02 Datasheet
875Kb / 25P
Jitter Attenuator & FemtoClock NG® Multiplier
2019
ICS813252I-02 RENESAS-ICS813252I-02 Datasheet
677Kb / 23P
Jitter Attenuator & FemtoClock® Multiplier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com