Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

821004J Datasheet (PDF) - Renesas Technology Corp

821004J Datasheet PDF - Renesas Technology Corp
Part # 821004J
Download  821004J Download
File Size   1003.16 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD NON-PROGRAMMABLE PCM CODEC

821004J Datasheet (PDF)

Go To PDF Page Download Datasheet
821004J Datasheet PDF - Renesas Technology Corp

Part # 821004J
Download  821004J Click to download

File Size   1003.16 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD NON-PROGRAMMABLE PCM CODEC

821004J Datasheet (HTML) - Renesas Technology Corp


821004J Product details

FEATURES
· 4 channel CODEC with on-chip digital filters
· Selectable A-law or m-law companding
· Master clock frequency selection: 2.048 MHz, 4.096 MHz or
8.192 MHz
- Internal timing automatically adjusted based on MCLK and frame
sync signal
· Separate PCM and master clocks
· Single PCM port with up to 8.192 MHz data rate (128 time slots)
· Transhybrid balance impedance hardware adjustable via external
components
· Transmit gains hardware adjustable via external components
· Low power +5.0 V CMOS technology
· +5.0 V single power supply
· Package available: 32 pin PLCC

DESCRIPTION
The 821004J is a single-chip, four channel PCM CODEC with on-chip
filters. The device provides analog-to-digital and digital-to-analog
conversions and supports both a-law and m-law companding. The digital
filters in 821004J provides the necessary transmit and receive filtering for
voice telephone circuit to interface with time-division multiplexed systems.
All of the digital filters are performed in digital signal processors operating
from an internal clock, which is derived from MCLK. The fixed filters set
the transmit and receive gain and frequency response.
In the 821004J the PCM data is transmitted to and received from the
PCM highway in time slots determined by the individual Frame Sync signals
(FSRn
and FSXn
, where n = 1-4) at rates from 256 KHz to 8.192 MHz. Both
Long and Short Frame Sync modes are available in the 821004J.
The 821004J can be used in digital telecommunication applications
such as PBX, Central Office Switch, Digital Telephone and Integrated Voice/
Data Access Unit.




Similar Part No. - 821004J

ManufacturerPart #DatasheetDescription
logo
3M Electronics
82100-6000 3M-82100-6000 Datasheet
342Kb / 3P
3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
September 2, 2005
82100-6000-RB 3M-82100-6000-RB Datasheet
342Kb / 3P
3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
September 2, 2005
82100-6006 3M-82100-6006 Datasheet
342Kb / 3P
3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
September 2, 2005
82100-6006-RB 3M-82100-6006-RB Datasheet
342Kb / 3P
3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
September 2, 2005
logo
Littelfuse
82100000005 LITTELFUSE-82100000005 Datasheet
461Kb / 2P
820/821/823/824 Series Panel Mount Enclosed Fuseholders
Revised: GD. 07/15/21
More results


Similar Description - 821004J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
QUAD NON-PROGRAMMABLE PCM CODEC
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com