Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33741 Datasheet (PDF) - Renesas Technology Corp

82P33741 Datasheet PDF - Renesas Technology Corp
Part # 82P33741
Download  82P33741 Download
File Size   1024.5 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet

82P33741 Datasheet (PDF)

Go To PDF Page Download Datasheet
82P33741 Datasheet PDF - Renesas Technology Corp

Part # 82P33741
Download  82P33741 Click to download

File Size   1024.5 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet

82P33741 Datasheet (HTML) - Renesas Technology Corp


82P33741 Product details

FEATURES
• Differential reference inputs (IN1 to IN6) accept clock frequencies
between 2 kHz and 650 MHz
• Single ended inputs (IN7 to IN12) accept reference clock frequencies
between 2 kHz and 162.5 MHz
• Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
• Reference monitors qualify/disqualify references depending on activity, frequency and LOS pins
• Automatic reference selection state machines select the active reference for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
• Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G/
40G/100G Ethernet, OTN, SONET/SDH, PDH, TDM, GSM and GNSS
frequencies
• Any reference inputs (IN1 to IN12) can be designated as external sync
pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a selectable reference clock input
• FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
• DPLL1 and DPLL2 can be configured with bandwidths between 18 Hz
and 567 Hz
• DPLL1 and DPLL2 lock to input references with frequencies between
2 kHz and 650 MHz
• DPLL3 locks to input references with frequencies between 8 kHz and
650 MHz
• DPLL1 and DPLL2 generate clocks with PDH, TDM, GSM, CPRI/
OBSAI, 10/100/1000 Ethernet and GNSS frequencies; these clocks
are directly available on OUT1
• DPLL3 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT8 and OUT9
• APLL1, APLL2 and APLL3 can be connected to DPLL1 and DPLL2
APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
• APLL3 generates 10G/40G/100G Ethernet, WAN-PHY and LAN-PHY
frequencies
• Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz or 30.72 MHz
• The I2C slave interface can be used by a host processor to access the
control and status registers
• The I2C master interface can automatically load a device configuration from an external EEPROM after reset; APLL3 must be configured
via the I2C slave interface
• Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
• Differential outputs OUT10 and OUT11 output clocks with frequencies
up to 650 MHz
• Single ended outputs OUT1, OUT2, and OUT7 output clocks with frequencies between 1 PPS and 125 MHz
• Single ended outputs OUT8 and OUT9 output clocks N*8kHz multiples up to 100 MHz
• DPLL1 and DPLL2 support independent programmable delays for
each of IN1 to IN12; the delay for each input is programmable in steps
of 0.61 ns with a range of ~±78 ns
• The input to output phase delay of DPLL1 and DPLL2 is programmable in steps of 0.0745 ps with a total range of ±20 s
• The clock phase of each of the output dividers for OUT1 to OUT7 is
individually programmable in steps of ~200 ps with a total range of +/-
180°
• 1149.1 JTAG Boundary Scan
• 144-pin CABGA green package

APPLICATIONS
• Synchronous clock generation for 10/40G and lower rate, Ethernet,
PON OLT and SONET/SDH line card
• Access routers, edge routers, core routers
• Carrier Ethernet switches
• Multi-service access platforms
• PON OLT
• LTE eNodeB

DESCRIPTION
The 82P33741 Port Synchronizer for IEEE 1588 and 10G/40G Synchronous Ethernet provides tools to manage timing references, clock conversion and timing paths for IEEE 1588 and Synchronous Ethernet (SyncE). The device supports up to three independent timing paths for: IEEE 1588
clock generation; SyncE clock generation; and general purpose frequency translation. The device outputs low-jitter clocks that can directly synchronize 100GBASE-R, 40GBASE-R, 10GBASE-R and 10GBASE-W and lower-rate Ethernet interfaces; as well as CPRI/OBSAI, SONET/SDH and PDH
interfaces and IEEE 1588 Time Stamp Units (TSUs).
The 82P33741 accepts six differential reference inputs and six single ended reference inputs that can operate at common Ethernet, SONET/SDH
and PDH frequencies that range from 2 kHz to 650 MHz. The references are continually monitored for loss of signal and for frequency offset per user
programmed thresholds. All of the references are available to all three Digital PLLs (DPLLs). The active reference for each DPLL is determined by
forced selection or by automatic selection based on user programmed priorities, locking allowances, reference monitors, and LOS inputs.
The 82P33741 can accept a clock reference and an associated phase locked sync signal as a pair. DPLL1/DPLL2 can lock to the clock reference
and align the frame sync and multi-frame sync outputs with the paired sync input. The device allows any of the differential or single ended reference
inputs to be configured as sync inputs that can be associated with any of the other differential or single ended reference inputs. The input sync signals
can have a frequency of 1 PPS, 2 kHz, 4kHz or 8 kHz. This feature enables DPLL1/DPLL2 to phase align its frame sync and multi-frame sync outputs
with a sync input without the need use a low bandwidth setting to lock directly to the sync input.
The DPLLs support three primary operating modes: Free-Run, Locked and Holdover. In Free-Run mode the DPLLs synthesize clocks based on
the system clock alone. In Locked mode the DPLLs filter reference clock jitter with the selected bandwidth. In Locked mode, the long-term output frequency accuracy is the same as the long term frequency accuracy of the selected input reference. In Holdover mode, the DPLL uses frequency data
acquired while in Locked mode to generate accurate frequencies when input references are not available.
The 82P33741 requires a system clock for its reference monitors and other digital circuitry. The frequency accuracy of the system clock determines the frequency accuracy of the DPLLs in Free-Run mode. The frequency stability of the system clock determines the frequency stability of the
DPLLs in Free-Run mode and in Holdover mode; and it affects the wander generation of the DPLLs in Locked mode.
DPLL1 and DPLL2 can be configured with a range of selectable filtering bandwidths from 18 Hz to 567 Hz. DPLL3 is a wideband (BW > 25Hz) frequency translator that can be used, for example, to convert a recovered SyncE clock to a 25MHz backplane clock.
Clocks generated by DPLL1 and DPLL2 can be passed through APLL1 or APLL2 which are LC based jitter attenuating Analog PLLs (APLLs). The
output clocks generated by APLL1 and APLL2 are suitable for serial GbE and lower rate interfaces, and for IEEE 1588 time stamps clocks and 1 PPS
signals.
Clocks generated by DPLL1 and DPLL2 can be passed through APLL3 which is a voltage controlled crystal oscillator (VCXO) based jitter attenuating APLL. APLL3 can be provisioned with one or two selectable crystal resonators to support up to two base frequencies. The output clocks generated by APLL3 are suitable for serial 10 GbE and lower rate interfaces.
All 82P33741 control and status registers are accessed through an I2C slave microprocessor interface. For configuring the DPLLs, APLL1 and
APLL2, the I2C master interface can automatically load a configuration from an external EEPROM after reset. APLL3 must be configured via the I2C
slave interface.




Similar Part No. - 82P33741

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
82P33741 ICST-82P33741 Datasheet
192Kb / 12P
Differential reference inputs
REVISION 1
logo
Integrated Device Techn...
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741BAG IDT-82P33741BAG Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741BAG IDT-82P33741BAG Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
More results


Similar Description - 82P33741

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
82P33810 IDT-82P33810_17 Datasheet
270Kb / 11P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33814 IDT-82P33814_17 Datasheet
340Kb / 12P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com