Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33814 Datasheet (PDF) - Renesas Technology Corp

82P33814 Datasheet PDF - Renesas Technology Corp
Part # 82P33814
Download  82P33814 Download
File Size   1336.07 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet

82P33814 Datasheet (PDF)

Go To PDF Page Download Datasheet
82P33814 Datasheet PDF - Renesas Technology Corp

Part # 82P33814
Download  82P33814 Click to download

File Size   1336.07 Kbytes
Page   71 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet

82P33814 Datasheet (HTML) - Renesas Technology Corp


82P33814 Product details

FEATURES
• Differential reference inputs (IN1 to IN4) accept clock frequencies
between 1 PPS and 650 MHz
• Single ended inputs (IN5 to IN6) accept reference clock frequencies
between 1 PPS and 162.5 MHz
• Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
• Reference monitors qualify/disqualify references depending on activity, frequency and LOS pins
• Automatic reference selection state machines select the active reference for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
• Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G
Ethernet, OTN, SONET/SDH, PDH, TDM, GSM, CPRI and GNSS
frequencies
• Any reference input (IN1 to IN6) can be designated as external sync
pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a selectable reference clock input
• FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
• DPLL1 and DPLL2 can be configured with bandwidths between 0.09
mHz and 567 Hz
• DPLL1 and DPLL2 lock to input references with frequencies
between 1 PPS and 650 MHz
• DPLL3 locks to input references with frequencies between 8 kHz and
650 MHz
• DPLL1 and DPLL2 comply with ITU-T G.8262 for Synchronous
Ethernet Equipment Clock (EEC), and G.813 for Synchronous
Equipment Clock (SEC); and Telcordia GR-253-CORE for Stratum 3
and SONET Minimum Clock (SMC)
• DPLL1 and DPLL2 generate clocks with PDH, TDM, GSM, CPRI/
OBSAI, 10/100/1000 Ethernet and GNSS frequencies; these clocks
are directly available on OUT1 and OUT8
• DPLL1 and DPLL2 can be configured as DCOs to synthesize IEEE
1588 clocks
• DPLL3 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT9 and OUT10
• APLL1 and APLL2 can be connected to DPLL1 or DPLL2
• APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
• Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz or 30.72 MHz
• The I2C slave, SPI or the UART interface can be used by a host processor to access the control and status registers
• The I2C master interface can automatically load a device configuration from an external EEPROM after reset
• Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
• Single ended outputs OUT1, OUT2, OUT7 and OUT8 output clocks
with frequencies between 1 PPS and 125 MHz
• Single ended outputs OUT9 and OUT10 output clocks N*8kHz multiples up to 100 MHz
• DPLL1 and DPLL2 support independent programmable delays for
each of IN1 to IN6; the delay for each input is programmable in steps
of 0.61 ns with a range of ~±78 ns
• The input to output phase delay of DPLL1 and DPLL2 is programmable in steps of 0.0745 ps with a total range of ±20 μs
• The clock phase of each of the output dividers for OUT1 (from
APLL1) to OUT8 is individually programmable in steps of ~200 ps
with a total range of +/-180°
• 1149.1 JTAG Boundary Scan
• 72-pin QFN green package

DESCRIPTION
The 82P33814 Synchronization Management Unit (SMU) provides tools to manage timing references, clock sources and timing paths for IEEE
1588 / Precision Time Protocol (PTP) and Synchronous Ethernet (SyncE) based clocks. The device supports up to three independent timing paths
that control: PTP clock synthesis; SyncE clock generation; and general purpose frequency translation. The device supports physical layer timing with
Digital PLLs (DPLLs) and it supports packet based timing with Digitally Controlled Oscillators (DCOs). Input-to- input, input-to-output and output-tooutput phase skew can all be precisely managed. The device outputs low-jitter clocks that can directly synchronize lower-rate Ethernet interfaces; as
well as CPRI/OBSAI, SONET/SDH and PDH interfaces and IEEE 1588 Time Stamp Units (TSUs).
The 82P33814 accepts four differential reference inputs and two single ended reference inputs that can operate at common GNSS, Ethernet,
SONET/SDH and PDH frequencies that range in frequency from 1 Pulse Per Second (PPS) to 650 MHz. The references are continually monitored for
loss of signal and for frequency offset per user programmed thresholds. All of the references are available to all three DPLLs. The active reference for
each DPLL is determined by forced selection or by automatic selection based on user programmed priorities and locking allowances and based on
the reference monitors and LOS inputs.
The 82P33814 can accept a clock reference and an associated phase locked sync signal as a pair. DPLL1 or DPLL2 can lock to the clock reference and align the frame sync and multi-frame sync outputs with the paired sync input. The device allows any of the differential or single ended reference inputs to be configured as sync inputs that can be associated with any of the other differential or single ended reference inputs. The input sync
signals can have a frequency of 1 PPS, 2 kHz, 4 kHz or 8 kHz. This feature enables DPLL1 or DPLL2 to phase align its frame sync and multi-frame
sync outputs with a sync input without the need use a low bandwidth setting to lock directly to the sync input.
DPLL1 and DPLL2 support four primary operating modes: Free-Run, Locked, Holdover and DCO. In Free-Run mode the DPLLs synthesize clocks
based on the system clock alone. In Locked mode the DPLLs filter reference clock jitter with the selected bandwidth. In Locked mode, the long-term
output frequency accuracy is the same as the long term frequency accuracy of the selected input reference. In Holdover mode, the DPLL uses frequency data acquired while in Locked mode to generate accurate frequencies when input references are not available. In DCO mode the DPLL control loop is opened and the DCO can be controlled by a PTP clock recovery servo running on an external processor to synthesize PTP clocks.
The 82P33814 requires a system clock for its reference monitors and other digital circuitry. The frequency accuracy of the system clock determines the frequency accuracy of the DPLLs in Free-Run mode. The frequency stability of the system clock determines the frequency stability of the
DPLLs in Free-Run mode and in Holdover mode; and it affects the wander generation of the DPLLs in Locked and DCO modes.
When used with a suitable system clock, DPLL1 and DPLL2 meet the frequency accuracy, pull-in, hold-in, pull-out, noise generation, noise tolerance, transient response, and holdover performance requirements of the following applications: ITU-T G.8262/G.813 EEC/SEC options 1 and 2, ITUT G.8263, ITU-T G.8273.2, Telcordia GR-1244 Stratum 3 (S3), Telcordia GR-253-CORE Stratum 3 (S3) and SONET Minimum Clock (SMC).
DPLL1 and DPLL2 can be configured with a range of selectable filtering bandwidths from 0.09 mHz to 567 Hz. The 17 mHz bandwidth can be
used to lock the DPLL directly to a 1 PPS reference. The 69 mHz and the 92 mHz bandwidths can be used for G.8273.2. The 92 mHz bandwidth can
be used for G.8262/G.813 Option 2 or Telcordia GR-253-CORE S3 or SMC applications. The bandwidths in the range 1.1 Hz to 8.9 Hz can be used
for G.8262/G.813 Option 1 applications. Bandwidths above 10 Hz can be used in jitter attenuation and rate conversion applications.
DPLL1 and DPLL2 are each connected to Time of Day (ToD) counters or time accumulators; these ToD counters/time accumulators can be used
to track differences between the two time domains and to time-stamp external events by using reference inputs as triggers.
DPLL3 supports three primary operation modes: Free-Run, Locked and Holdover. DPLL3 is a wideband (BW > 25Hz) frequency translator that can
be used, for example, to convert a recovered line clock to a 1.544 MHz or 2.048 MHz synchronization interface clock.
In Telecom Boundary Clock (T-BC) and Telecom Time Slave Clock (T-TSC) applications per ITU-T G.8275.2, DPLL1 and DPLL2 are both used;
one DPLL is configured as a DCO to synthesize PTP clocks and the other DPLL is configured as an EEC/SEC to generate physical layer clocks.
Combo mode provides physical layer frequency support from the EEC/SEC to the PTP clock.
In Synchronous Equipment Timing Source (SETS) applications per ITU-T G.8264, DPLL1 or DPLL2 can be configured as an EEC/SEC to output
clocks for the T0 reference point and DPLL3 can be used to output clocks for the T4 reference point.
Clocks generated by DPLL1 or DPLL2 can be passed through APLL1 or APLL2 which are LC based jitter attenuating Analog PLLs (APLLs). The
output clocks generated by APLL1 and APLL2 are suitable for serial GbE and lower rate interfaces.
All 82P33814 control and status registers are accessed through an I2C slave, SPI or the UART microprocessor interface. For configuring the
DPLLs, APLL1 and APLL2, the I2C master interface can automatically load a configuration from an external EEPROM after reset.




Similar Part No. - 82P33814

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33814 IDT-82P33814 Datasheet
235Kb / 13P
Differential reference inputs
82P33814 IDT-82P33814 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33814ANLG IDT-82P33814ANLG Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33814ANLG IDT-82P33814ANLG Datasheet
340Kb / 12P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33814ANLG/W IDT-82P33814ANLG/W Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
More results


Similar Description - 82P33814

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33813 IDT-82P33813 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33831 IDT-82P33831_16 Datasheet
284Kb / 13P
Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
82P33813 IDT-82P33813_17 Datasheet
272Kb / 13P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
82P33814 IDT-82P33814_17 Datasheet
340Kb / 12P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831 IDT-82P33831_17 Datasheet
275Kb / 12P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
logo
Renesas Technology Corp
82P33810 RENESAS-82P33810 Datasheet
1Mb / 72P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
September 4, 2017
82P33813 RENESAS-82P33813 Datasheet
1Mb / 70P
Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
September 5, 2017
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com