Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843004-01 Datasheet (PDF) - Renesas Technology Corp

843004-01 Datasheet PDF - Renesas Technology Corp
Part # 843004-01
Download  843004-01 Download
File Size   480.02 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks® Crystal-to-3.3V LVPECL Frequency Synthesizer

843004-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
843004-01 Datasheet PDF - Renesas Technology Corp

Part # 843004-01
Download  843004-01 Click to download

File Size   480.02 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks® Crystal-to-3.3V LVPECL Frequency Synthesizer

843004-01 Datasheet (HTML) - Renesas Technology Corp


843004-01 Product details

GENERAL DESCRIPTION
The 843004-01 is a 4 output LVPECL synthesizer optimized to
generate Ethernet reference clock frequencies and is a member
of the family of high performance clock solutions from IDT. Using
a 25MHz 18pF parallel resonant crystal, the following frequencies
can be generated based on the settings of 2 frequency select pins
(F_SEL[1:0]): 156.25MHz, 125MHz, 62.5MHz. The 843004-01
uses IDT’s 3rd generation low phase noise VCO technology and
can achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The 843004-01 is packaged in a small
24-pin TSSOP package.

FEATURES
• Four 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies:
156.25MHz, 125MHz and 62.5MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.57ps (typical)
• RMS phase noise at 156.25MHz (typical)
Phase noise:
Offset Noise Power
100Hz ................-95.5 dBc/Hz
1kHz .................-118 dBc/Hz
10kHz .................-126 dBc/Hz
100kHz ..............-126.6 dBc/Hz
• Full 3.3V supply mode
• -30°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 843004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004-01 IDT-843004-01 Datasheet
288Kb / 17P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 843004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 26, 2005
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com