Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89EBPES12T3G2 Datasheet (PDF) - Renesas Technology Corp

89EBPES12T3G2 Datasheet PDF - Renesas Technology Corp
Part # 89EBPES12T3G2
Download  89EBPES12T3G2 Download
File Size   2340.85 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDT™ 89EBPES12T3G2 Evaluation Board Manual

89EBPES12T3G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89EBPES12T3G2 Datasheet PDF - Renesas Technology Corp

Part # 89EBPES12T3G2
Download  89EBPES12T3G2 Click to download

File Size   2340.85 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDT™ 89EBPES12T3G2 Evaluation Board Manual

89EBPES12T3G2 Datasheet (HTML) - Renesas Technology Corp


89EBPES12T3G2 Product details

Board Features
Hardware
‹ PES12T3G2 PCIe 3 port switch
– Three x4 ports, 12 PCIe lanes
– PCIe Base Specification Revision 2.0 compliant
– 12 GBps (96 Gbps) aggregate switching capacity
– Up to 2048 byte maximum Payload Size
– Automatic lane reversal and polarity inversion supported on all lanes
– Automatic per port link width negotiation to x4, x2, x1
– Load configuration from an optional serial EEPROM via SMBUS
‹ Upstream, Downstream Port
– One edge connector on the upstream port, to be plugged into a slot with at least x4 capable on a
host motherboard
– Two slot connectors on the downstream ports, for PCIe endpoint add-on cards to be plugged in.
These slot connectors are x16 mechanically but electronically connected as x4 only.
‹ Numerous user selectable configurations set using onboard jumpers and DIP-switches
– Source of clock - host clock or onboard clock generator
– Two clock rates and spread spectrum settings
– Boot mode selection
‹ SMBUS Slave Interface (4 pin header)
‹ SMBUS Master Interface connected to the Serial EEPROMs through I/O expander
‹ “Attention” button for each downstream port to initiate a hot swap event on each port
‹ Four pin connector for optional external power supply
‹ Push button for Warm Reset
‹ Several LEDs to display status, reset, power, “Attention”, etc.
‹ One 10-pin JTAG connector (pitch 2.54 mm x 2.54 mm)
Software
There is no software or firmware executed on the board. However, useful software is provided along
with the Evaluation Board to facilitate configuration and evaluation of the PES12T3G2 within host systems
running popular operating systems.
‹ Installation programs
– Operating Systems Supported: Windows2000, WindowsXP, Vista, Linux
‹ GUI based application for Windows and Linux
– Allows users to view and modify registers in the PES12T3G2
– Binary file generator for programming the serial EEPROMs attached to the SMBUS.
Other
‹ A metal bracket is required to firmly hold in place two endpoints plugged into the EB12T3G2 board.
‹ An external power supply may be required under some conditions.
‹ SMBUS cable may be required for certain evaluation exercises.
‹ SMA connectors are provided on the EB12T3G2 board for specific test points.




Similar Part No. - 89EBPES12T3G2

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
89E516RD2 SST-89E516RD2 Datasheet
984Kb / 91P
FlashFlex51 MCU
More results


Similar Description - 89EBPES12T3G2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com