Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT162245BDGG Datasheet (PDF) - NXP Semiconductors

VT162245BDGG Datasheet PDF - NXP Semiconductors
Part # VT162245BDGG
Download  VT162245BDGG Download
File Size   80.55 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State

VT162245BDGG Datasheet (PDF)

Go To PDF Page Download Datasheet
VT162245BDGG Datasheet PDF - NXP Semiconductors

Part # VT162245BDGG
Download  VT162245BDGG Click to download

File Size   80.55 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State

VT162245BDGG Datasheet (HTML) - NXP Semiconductors


VT162245BDGG Product details

DESCRIPTION
The 74LVT162245B is a high-performance BiCMOS product designed for VCC operation at 3.3V. This device is a 16-bit transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions. The control function implementation minimizes external timing requirements. The device features an Output Enable (nOE) input for easy cascading and a Direction (DIR) input for direction control.

FEATURES
• 16-bit bidirectional bus interface
• 3-State buffers
• Output capability: +12mA/-12mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Outputs include series resistance of 30Ω making external termination resistors unnecessary
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model
• Same part as 74LVT16245B-1




Similar Part No. - VT162245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VT162240ADGG PHILIPS-VT162240ADGG Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162240ADL PHILIPS-VT162240ADL Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162244BDGG PHILIPS-VT162244BDGG Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
VT162244BDL PHILIPS-VT162244BDL Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results


Similar Description - VT162245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com