Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM847QAS Datasheet (PDF) - Nexperia B.V. All rights reserved

BCM847QAS Datasheet PDF - Nexperia B.V. All rights reserved
Part # BCM847QAS
Download  BCM847QAS Download
File Size   228.48 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA NPN/NPN matched double transistors

BCM847QAS Datasheet (PDF)

Go To PDF Page Download Datasheet
BCM847QAS Datasheet PDF - Nexperia B.V. All rights reserved

Part # BCM847QAS
Download  BCM847QAS Click to download

File Size   228.48 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 45 V, 100 mA NPN/NPN matched double transistors

BCM847QAS Datasheet (HTML) - Nexperia B.V. All rights reserved


BCM847QAS Product details

Features and benefits
• Reduces component count
• Reduces pick and place costs
• Low package height of 0.37 mm
• Current gain matching
• Base-emitter voltage matching
• Application-optimized pinout
• AEC-Q101 qualified




Similar Part No. - BCM847QAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847 NXP-BCM847 Datasheet
127Kb / 15P
NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BS PHILIPS-BCM847BS Datasheet
45Kb / 8P
NPN matched double transistor; DhFE = 10 %
Rev. 02-6 April 2005
BCM847BS PHILIPS-BCM847BS Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BS PHILIPS-BCM847BS Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
BCM847BS NXP-BCM847BS Datasheet
127Kb / 15P
NPN/NPN matched double transistors
Rev. 06-28 August 2009
More results


Similar Description - BCM847QAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847RA NEXPERIA-BC847RA Datasheet
240Kb / 11P
45 V, 100 mA NPN/NPN general-purpose double transistors
PMP4201G NEXPERIA-PMP4201G Datasheet
246Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
PMP4201Y NEXPERIA-PMP4201Y Datasheet
243Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
PMP4501Y NEXPERIA-PMP4501Y Datasheet
243Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
BCM847BSH-Q NEXPERIA-BCM847BSH-Q Datasheet
238Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
6 May 2021
BCM847BSH NEXPERIA-BCM847BSH Datasheet
237Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
6 May 2021
BCM857QAS NEXPERIA-BCM857QAS Datasheet
228Kb / 11P
45 V, 100 mA PNP/PNP matched double transistors
24 April 2018
PMP4501QAS NEXPERIA-PMP4501QAS Datasheet
223Kb / 11P
45 V, 100 mA NPN/NPN matched double transistors
9 February 2018
PMP4201V NEXPERIA-PMP4201V Datasheet
228Kb / 9P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
PMP4501V NEXPERIA-PMP4501V Datasheet
228Kb / 9P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com