Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF570 Datasheet (PDF) - Nexperia B.V. All rights reserved

BF570 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BF570
Download  BF570 Download
File Size   299.31 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN medium frequency transistor

BF570 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF570 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BF570
Download  BF570 Click to download

File Size   299.31 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN medium frequency transistor

BF570 Datasheet (HTML) - Nexperia B.V. All rights reserved


BF570 Product details

FEATURES
•Low current (max. 100 mA)
•Low voltage (max. 15 V)
•Low feedback capacitance (max. 2.2 pF).




Similar Part No. - BF570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF570 PHILIPS-BF570 Datasheet
62Kb / 8P
NPN medium frequency transistor
1997 Mar 04
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BF570 PHILIPS-BF570_15 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
More results


Similar Description - BF570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
NPN medium frequency transistor
1997 Jul 07
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 21
BF570 PHILIPS-BF570 Datasheet
62Kb / 8P
NPN medium frequency transistor
1997 Mar 04
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
BF840 KEXIN-BF840 Datasheet
36Kb / 1P
NPN Medium Frequency Transistor
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
NPN medium frequency transistor
2004 Feb 05
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
NPN medium frequency transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
NPN medium frequency transistor
1999 Apr 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com